Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics VNF1048FTR Datasheet HTML 40Page - STMicroelectronics VNF1048FTR Datasheet HTML 41Page - STMicroelectronics VNF1048FTR Datasheet HTML 42Page - STMicroelectronics VNF1048FTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Bit
Default
Name
Description
Access
11 ÷ 2 0000000000 HSHT_SAR
10 bit ADC SAR fast conversion related to Current Sense Amplifier, ranging
from 0 V to 160 mV; unidirectional current through an external sense resistor.
This register is not refreshed during Current Sense Self-Test execution.
R
1
00
UPDT_HSHT
Updated status bit. This bit is set when value is updated and cleared when
register is read.
R
0
Parity Bit
ODD Parity Bit Check
6.15
Timeout watchdog
In order to serve the timeout watchdog, the relevant WD_TRIG bit (Watchdog Trigger bit) must be toggled within a
given timeout window.
Figure 14. Timeout watchdog
VNF1048F
Timeout watchdog
DS13084 - Rev 6
page 39/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com