Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 30Page - STMicroelectronics VNF1048FTR Datasheet HTML 31Page - STMicroelectronics VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Bit
Default
Name
Description
010: VDS detection
100: Power switch stuck-on
011: Current sense + VDS detection
101: Current sense + Power switch stuck-on
110: VDS detection + Power switch stuck-on
111: Current sense + VDS detection + Power switch stuck-on
4
0
OUTCTL
Enables High Side through SPI
1: HS Gate driver commanded on
0: HS Gate driver commanded off
3
0
BYPASSCTL
Enables Low Current Bypass through SPI
1: LCB commanded on
0: LCB commanded off
2
Unused
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
0
Parity Bit
Odd Parity Bit Check
Table 36. CR#2: Control Register 2 (read/write); Address 02h (ID 13.20)
Bit
Default
Name
Description
23 ÷ 16 00000000
T_NOM
Configures the value of Nominal Time, required for the fuse emulation: tNOM (s) =
b{T_NOM(7:0), 1}
T_NOMmin = 00000000 → tNOM (s) = b000000001 = 1s
T_NOMmax = 11111111 → tNOM (s) = b111111111 = 511s
Nominal Time corresponds to the trip time obtained when current is equal to the Nominal
Overcurrent Threshold (OVC_THR).
15 ÷ 11
00000
OVC _THR
Configures the value of Nominal Overcurrent Threshold.
The threshold can be set in the range 6 mV to 90 mV
See Table 16
10 ÷ 7
0000
HSHT_THR
Configures a threshold for Hard Short Circuit Latch-off.
The threshold can be set in the range from 20 mV to 160 mV.
See Table 15
6 ÷ 2
00000
VDS_THR
Configures a threshold for External MOSFET desaturation shut-down. The threshold can
be set in the range from 0.3 V to 1.80 V in steps of 50 mV (default = 300 mV).
Configuration 0x1F is reserved.
1
0
WD_TRIG
Mirror of WD_TRIG bit
0
Parity Bit
Odd Parity Bit Check
Table 37. CR#3: Control Register 3 (read/write); Address 03h (ID 13.3)
Bit
Default
Name
Description
23 ÷ 10
unused
9
0
UNLOCK
0: bits GOSTBY, EN cannot be set to 1 but can be reset;
1: bits GOSTBY, EN can be set to 1, but only with the next valid SPI frame.
When UNLOCK = 1, it will be automatically reset with the next valid SPI frame.
VNF1048F
Control registers
DS13084 - Rev 6
page 34/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com