Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 29Page - STMicroelectronics VNF1048FTR Datasheet HTML 30Page - STMicroelectronics VNF1048FTR Datasheet HTML 31Page - STMicroelectronics VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Address
Name
Access
Content
Comments
13h
WD bit pos. 1
Read Only
43h
Bit7,WB1 = 0
Bit6,WB2 = 1
WBA[5-0], Bit[5-0] = address of the config. register, where the WD bit is
located = 03h = 000011b
14h
WD bit pos. 2
Read Only
C1h
Bit7,WB1 = 1
Bit6,WB0 = 1
Bit position of the WD bit within the corresponding configuration register
= 01d = 000001b
3Fh
Advanced
Operation Code
Read Only
00h
Access to this address provokes a SW reset (all control registers are
set to their default values; in addition, all clearable status registers are
cleared too).
Note:
data field should not be “all ones”, otherwise an “SDI stuck
at” error occurs.
6.13
Control registers
Table 35. CR#1: Control Register 1 (read/write); Address 01h (ID 13.1)
Bit
Default
Name
Description
23 ÷ 12
Unused
11
0
GOSTBY
GOSTBY can be set to 1 only if UNLOCK = 1; trying to set this bit to 1 when UNLOCK = 0
will have no effects and it will maintain its previous value.
GOSTBY can be reset to 0 also when UNLOCK = 0.
To send a GOToStandby sequence it is necessary to send two consecutive SPI frames, as
follows:
1st SPI write operation to set UNLOCK bit to 1
2nd SPI write operation to set GOSTBY bit to 1 and EN bit to 0.
A transition to Standby state causes GOSTBY to be reset to 0.
10
0
EN
EN can be set to 1 only if UNLOCK = 1; trying to set this bit to 1 when UNLOCK = 0 will
have no effects and it will maintain its previous value.
EN can be reset to 0 also when UNLOCK = 0.
To send a GOToUnlocked sequence it is necessary to send two consecutive SPI frames as
follows:
1st SPI write operation to set UNLOCK bit to 1
2nd SPI write operation to set GOSTBY bit to 0 and EN bit to 1.
A transition to Unlocked state causes EN to be set to 1.
A transition to Locked state causes EN to be reset to 0.
9
0
S_T_START
When it is set to 1, starts selected self-test.
If current state is Unlocked and S_T_CFG is not 000, then setting this bit causes a transition
to Self-Test state.
This bit is automatically reset.
8
0
S_T_STOP
When it is set to 1, stops execution of selected self-test.
This bit is automatically reset.
7 ÷ 5
000
S_T_CFG
Self Test selection:
000: No selection
001: Current sense
VNF1048F
Control registers
DS13084 - Rev 6
page 33/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com