Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 18Page - STMicroelectronics VNF1048FTR Datasheet HTML 19Page - STMicroelectronics VNF1048FTR Datasheet HTML 20Page - STMicroelectronics VNF1048FTR Datasheet HTML 21Page - STMicroelectronics VNF1048FTR Datasheet HTML 22Page - STMicroelectronics VNF1048FTR Datasheet HTML 23Page - STMicroelectronics VNF1048FTR Datasheet HTML 24Page - STMicroelectronics VNF1048FTR Datasheet HTML 25Page - STMicroelectronics VNF1048FTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
5
Protections
5.1
Battery undervoltage shutdown
The device is able to operate down to Vs = 6 V, with the charge pump still active. If the battery supply voltage
Vs falls below the undervoltage shutdown threshold, the device enters in Battery undervoltage mode. The current
sense diagnostic is not available. The charge pump, the output stage and the bypass switch are off regardless of
the SPI status.
If VS rises above the threshold (VS_USD + VS_USD_hys) the device returns to the last mode.
An undervoltage flag is set in the SPI register when VS < VS_USD, and automatically reset when
VS>VS_USD+VS_USD_hys.
5.2
Device overtemperature shutdown
The device temperature is internally monitored. An overtemperature shut-down of the device occurs when TJ
exceeds TTSD. The charge pump, the output stage and the bypass switch are off. A fault indication is given via
SPI.
The device restarts when TJ decreased below TTSD - TTSD_HYS.
VTJ is converted by a dedicated ADC converter. The converted result is stored in the Status register and can be
read via SPI.
5.3
External MOSFET overtemperature shutdown
The external MOSFET temperature is monitored through a 10 kΩ NTC thermistor with one terminal connected to
the Drain of the MOSFET, in order to allow optimal component placement.
RNTC is part of a VBG (1.2 V) voltage divider through NTC and NTC_M pins:
VNTC= VBG×RNTC
RT_REF+RNTC
(1)
VNTC is converted by a dedicated ADC converter. The converted result is stored in the Status register and can be
read via SPI.
An overtemperature shut-down of the MOSFET occurs when VNTC voltage decreases under a preset threshold.
The threshold can be set via SPI in the range from 100 °C to 150 °C in steps of 5 °C. In this case both output
stages and bypass switch are turned off.
The MOSFET and the bypass switch are re-armed via SPI by clearing latched fault NTC_OVT bit.
This protection is not active in case of external MOSFET in OFF state.
5.4
External MOSFET desaturation shut-down
The external MOSFET drain-source voltage is monitored by the Control IC. A desaturation shut-down of the
MOSFET occurs when the VDS exceeds the preset threshold. In this case both output stage and bypass switch
are turned off. The threshold can be set via SPI in the range 0.3 V to 1.80 V in steps of 50 mV (default = 300 mV).
The MOSFET and bypass switch are re-armed via SPI by clearing latched fault VDS_MAX bit.
VDS is converted by a dedicated ADC converter. The converted result is stored in the Status register and can be
read via SPI.
This protection is not active in case of external MOSFET in OFF state.
VNF1048F
Protections
DS13084 - Rev 6
page 22/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com