Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 1 Page - STMicroelectronics

  VNF1048FTR Datasheet HTML 1Page - STMicroelectronics VNF1048FTR Datasheet HTML 2Page - STMicroelectronics VNF1048FTR Datasheet HTML 3Page - STMicroelectronics VNF1048FTR Datasheet HTML 4Page - STMicroelectronics VNF1048FTR Datasheet HTML 5Page - STMicroelectronics VNF1048FTR Datasheet HTML 6Page - STMicroelectronics VNF1048FTR Datasheet HTML 7Page - STMicroelectronics VNF1048FTR Datasheet HTML 8Page - STMicroelectronics VNF1048FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
QFN32L 5x5
Features
Max transient supply voltage
VS
70 V
Operating voltage range
VS
6 V to 60 V
Operating voltage range (extended)
VS
6 V to 70 V
Standby current (max)
IS_Q
70 µA
SPI I/O supply voltage
VSPI
3 V to 5.5 V
SPI standby current (max)
I_STBY
5 µA
•
AEC-Q100 automotive qualified
•
General
–
High side switch Control IC with e-fuse protection for Automotive 12 V, 24 V
and 48 V applications
–
SPI slave interface for host control
–
32-bit ST-SPI interface compatible with 3.3 V and 5 V CMOS level
–
2 stage charge pump
–
Gate drive for an external MOSFET in high side configuration
–
High precision uni-directional digital current sense via SPI through an
external high side shunt resistor
–
Input for a NTC resistor to monitor the external MOSFET temperature
–
Very low standby current
–
Robust fail-safe functionality through internal and external controls
–
SPI register lock-out by a dedicate digital input pin
–
Integrated ADC for TJ, VNTC, VOUT and VDS conversion
•
Protections
–
Battery under-voltage shut-down
–
External MOSFET desaturation shutdown configurable via SPI
–
Hard short circuit latch-off configurable via SPI
–
Current vs time latch-off configurable via SPI (fuse-emulation)
–
Device overtemperature shutdown
–
External MOSFET overtemperature shutdown
•
Intelligent high current fuse replacement for automotive applications
•
Especially intended for automotive power distribution applications
Description
The device is an advanced controller for a power MOSFET in high side configuration,
designed for the implementation of an Intelligent High Side Switch for 12 V, 24 V and
48 V automotive applications. The Control IC is interfaced to a host microcontroller
through a 3.3 V and 5 V CMOS-compatible SPI interface and provides protection and
diagnostics to the system.
Product status link
VNF1048F
Product summary
Order code
VNF1048FTR
Package
QFN32L
Packing
Tape and reel
High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V
automotive applications
VNF1048F
Datasheet
DS13084 - Rev 6 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VNF1048FTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNF1048FTR STMICROELECTRONICS-VNF1048FTR Datasheet
3Mb / 49P
High-side switch controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
17-Nov-2023
More results

Similar Description - VNF1048FTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
logo
Texas Instruments
TPS2456A TI1-TPS2456A Datasheet
1Mb / 32P
Dual 12 V Protection and Blocking Controller
logo
STMicroelectronics
VND5T035AKTR-E STMICROELECTRONICS-VND5T035AKTR-E Datasheet
683Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
13-Mar-2012
VND5T100AJTR-E STMICROELECTRONICS-VND5T100AJTR-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T100AJ-E STMICROELECTRONICS-VND5T100AJ-E Datasheet
533Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
08-Mar-2011
VND5T035AK-E STMICROELECTRONICS-VND5T035AK-E Datasheet
717Kb / 31P
Double channel high-side driver with analog current sense for 24 V automotive applications
18-Sep-2013
VND5T050AKTR-E STMICROELECTRONICS-VND5T050AKTR-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense for 24 V automotive applications
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
VND5T100LAJ-E STMICROELECTRONICS-VND5T100LAJ-E Datasheet
790Kb / 38P
Double channel high-side driver with analog current sense for 24 V automotive applications
23-Aug-2016
L9945 STMICROELECTRONICS-L9945 Datasheet
1Mb / 151P
Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
03-Dec-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com