Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 44Page - STMicroelectronics VNF1048FTR Datasheet HTML 45Page - STMicroelectronics VNF1048FTR Datasheet HTML 46Page - STMicroelectronics VNF1048FTR Datasheet HTML 47Page - STMicroelectronics VNF1048FTR Datasheet HTML 48Page - STMicroelectronics VNF1048FTR Datasheet HTML 49Page - STMicroelectronics VNF1048FTR Datasheet HTML 50Page - STMicroelectronics VNF1048FTR Datasheet HTML 51Page - STMicroelectronics VNF1048FTR Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
6.11
Address map ................................................................. 31
6.12
ROM memory map ............................................................ 32
6.13
Control registers .............................................................. 33
6.14
Status registers ............................................................... 35
6.15
Timeout watchdog ............................................................. 39
7
Operating modes .................................................................40
7.1
State Diagram ................................................................ 40
7.2
PowerON mode............................................................... 40
7.3
Stand-by mode ............................................................... 40
7.4
WakeUp mode ................................................................ 41
7.5
Unlocked mode ............................................................... 41
7.6
Locked mode ................................................................. 41
7.7
Self-test mode ................................................................ 41
8
Application information ...........................................................42
9
Package information..............................................................43
9.1
QFN32L 5x5 package information ............................................... 44
Revision history .......................................................................46
VNF1048F
Contents
DS13084 - Rev 6
page 49/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com