Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 19Page - STMicroelectronics VNF1048FTR Datasheet HTML 20Page - STMicroelectronics VNF1048FTR Datasheet HTML 21Page - STMicroelectronics VNF1048FTR Datasheet HTML 22Page - STMicroelectronics VNF1048FTR Datasheet HTML 23Page - STMicroelectronics VNF1048FTR Datasheet HTML 24Page - STMicroelectronics VNF1048FTR Datasheet HTML 25Page - STMicroelectronics VNF1048FTR Datasheet HTML 26Page - STMicroelectronics VNF1048FTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
5.5
Hard short circuit latch-off
The external MOSFET drain-source current is monitored by the Control IC through the current sense amplifier,
which reads the voltage drop across a high side shunt resistor. A hard short circuit shut-down of the MOSFET
occurs when the current sense voltage exceeds the preset threshold. In this case both output stage and bypass
switch are turned off. The threshold can be set via SPI in the range from 20 mV to 160 mV.
The MOSFET is re-armed via SPI by clearing HSHT latched fault bit.
VHSHT is converted by a dedicated ADC converter. The converted result is stored in the Status register and can
be read via SPI.
This protection is not active in case the external MOSFET is in OFF state.
5.6
Current vs time latch-off
The external MOSFET drain-source current is monitored by the Control IC through the current sense amplifier,
which reads the voltage drop across a high side shunt resistor. The overload detection circuitry emulates the
response of a traditional fuse. An overcurrent shut-down of the MOSFET occurs when the current sense voltage
exceeds the preset threshold for longer than the preset time. In this case both output stages and bypass switch
are turned off. The threshold can be set via SPI in the range 6 mV to 90 mV, while the nominal trip time can be
programmed in the range from 1 s to 511 s.
The MOSFET is re-armed via SPI by clearing FUSE_LATCH latched fault bit. This protection is not active in case
the external MOSFET is in OFF state.
In case of hard short protection event occurrence, reported by HSHT flag bit, FUSE_LATCH bit is set as well.
5.7
Low Current Bypass desaturation shut-down
Internal bypass switch VDS voltage (VS - VOUT) is monitored by the IC, to protect the switch from load current
sink changes.
A desaturation shut-down of the bypass occurs when its VDS exceeds a fixed threshold (~1.3V); in this situation,
the bypass switch is turned off while the external FET is turned on through HS_GATE output, directly by
hardware, regardless of their software controlled bit status, in order to protect the bypass and provide the
requested current capability to connected load.
This represents the so-called AUTO-ON event and it is flagged by bit #4 (AUTOON) of the Global Status Byte,
that corresponds to BYPASS_SAT flag of Status Register #1.
Bypass switch can be re-armed through SPI control by clearing BYPASS_SAT fault latched bit.
This protection is not active in case bypass switch is in OFF state.
A particular case is represented by Stand-By wakeup event occurrence, with FSM state transition to Wake-Up
state, due to bypass switch desaturation: only in this situation, in addition to the aforementioned actions on
bypass switch and external FET, the device will signal, by driving DIAG pin low, that it has been woken up by
hardware event (load current increase), in order to allow host control to take proper actions.
It is important to notice that bypass switch cannot be used to charge any type of load, even those requesting
small currents capability: on the contrary, it shall be used to keep powered application loads, previously charged
by external FET, when they switch to low-power consumption modes (i.e. Stand-By).
VNF1048F
Hard short circuit latch-off
DS13084 - Rev 6
page 23/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com