Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics VNF1048FTR Datasheet HTML 40Page - STMicroelectronics VNF1048FTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Table 39. SR#2: Status Register 2; Address 12h (ID 14.2)
Bit
Default
Name
Description
Access
23 ÷ 15
unused
14 ÷ 2 0000000000000 CURR_SENSE
13 bit ADC conversion related to Current Sense Amplifier, ranging
from 0 V to 160 mV; unidirectional current through an external sense
resistor.
R
1
0
UPDT_CURR
Updated status bit. This bit is set when value is updated and cleared
when register is read.
R
0
Parity Bit
ODD Parity Bit Check
Table 40. SR#3: Status Register 3; Address 13h (ID 14.3)
Bit
Default
Name
Description
Access
23
unused
22 ÷ 13 0000000000
TJ
10 bit ADC conversion related to TJ (Device temperature)
R
12
0
UPDT_TJ
Updated status bit. This bit is set when value is updated and cleared when
register is read.
R
11 ÷ 2 0000000000
NTC
10 bit ADC conversion related to NTC (External MOSFET temperature sensing
through an external NTC resistor)
R
1
0
UPDT_NTC
Updated status bit. This bit is set when value is updated and cleared when
register is read.
R
0
Parity Bit
ODD Parity Bit Check
Table 41. SR#4: Status Register 4; Address 14h (ID 14.4)
Bit
Default
Name
Description
Access
23 ÷ 12
unused
22 ÷ 13 0000000000
VDS
10 bit ADC conversion of the voltage across HS switch (VS-OUT).
This register is not refreshed during VDS Self-Test execution.
R
12
0
UPDT_VDS
Updated status bit. This bit is set when value is updated and cleared when
register is read.
R
11 ÷ 2 0000000000
VOUT
10 bit ADC conversion of the OUT pin
R
1
0
UPDT_VOUT
Updated status bit. This bit is set when value is updated and cleared when
register is read.
R
0
Parity Bit
ODD Parity Bit Check
Table 42. SR#5: Status Register 5; Address 15h (ID 14.5)
Bit
Default
Name
Description
Access
23 ÷ 14
unused
13
S_T_VDS_MAX1
This bit is set if VDS_THR is reached during VDS self-test.
R/C
12 ÷ 3 0000000000
S_T_VDS
Difference between 10 bit ADC conversion of the VDS, performed
during VDS self-test and content of VDS register latched during self-
test execution.
R/C
2 ÷ 1
00
S_T_VDS_STATUS
Status of VDS self-test
00: IDLE: Self-test not started
01: RUN: Self-test execution in progress
R/C
VNF1048F
Status registers
DS13084 - Rev 6
page 37/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com