Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 28Page - STMicroelectronics VNF1048FTR Datasheet HTML 29Page - STMicroelectronics VNF1048FTR Datasheet HTML 30Page - STMicroelectronics VNF1048FTR Datasheet HTML 31Page - STMicroelectronics VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Address
Name
Access type
Content
21h
Reserved
22h
Reserved
…
…
…
31h
Reserved
32h
Reserved
33h
Reserved
34h
Reserved
…
…
…
3Fh
Advanced Operation Code
C
A R&C operation to this address causes all clearable status registers to
be cleared
6.12
ROM memory map
Table 34. ROM Memory Map (ID 12.2)
Address
Name
Access
Content
Comments
00h
Company Code
Read Only
00h
00h =STMicroelectronics
01h
Device family
Read Only
01h
BCD product family
02h
Product Code 1
Read Only
55h
ST internal Product Code = ‘UR5J’
03h
Product Code 2
Read Only
52h
04h
Product Code 3
Read Only
05h
05h
Product Code 4
Read Only
4Ah
0Ah
Silicon version
Read Only
02h
AD silicon version
10h
SPI Mode
Read Only
31h
Bit7 = 0, burst read is disabled,
SPI data length = 32bit
Bit6, DL2 = 0
Bit5, DL1 = 1
Bit4, DL0 = 1
Bit3, SPI8 =0: 8-bit frame option not available
Bit2 =0: Parity check is used
Bit1, S1=0
Bit0, S0=1
11h
WD Type 1
Read Only
4Ah
A WD is implemented
Bit7, WD1 =0
Bit6, WD0 =1
WD period 5ms = 10*ms
-> WT[5:0] = 0xA
Bit5, WT5 = 0
Bit4, WT4 = 0
Bit3, WT3 = 1
Bit2, WT2 = 0
Bit1, WT1 = 1
Bit0, WT0 = 0
VNF1048F
ROM memory map
DS13084 - Rev 6
page 32/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com