Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics VNF1048FTR Datasheet HTML 40Page - STMicroelectronics VNF1048FTR Datasheet HTML 41Page - STMicroelectronics VNF1048FTR Datasheet HTML 42Page - STMicroelectronics VNF1048FTR Datasheet HTML 43Page - STMicroelectronics VNF1048FTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
7
Operating modes
7.1
State Diagram
Figure 15. State diagram
7.2
PowerON mode
The PowerON mode is the device reset state at VS power on, due to device Start-up or Power-on Reset
conditions. At PowerON, the registers are loaded with the default values and the RSTB is set to 1.
External FET, BYPASS switch and Charge Pump are in OFF state.
7.3
Stand-by mode
In Stand-by mode, the device is in quiescent power consumption and operates under the following conditions:
•
High current path through External FETs is off
•
Protections for the external FETs are disabled
•
All diagnostics are disabled, but BYPASS switch saturation is monitored, if BYPASS switch is in ON state
during Stand-by mode, in order to detect potential de-saturation
•
Low-Current Bypass can be ON or OFF according to ‘BYPASSCTL’ bit
•
Device is self-protected
•
Charge Pump is OFF
The Standby mode characteristics are:
VNF1048F
Operating modes
DS13084 - Rev 6
page 40/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com