Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 20Page - STMicroelectronics VNF1048FTR Datasheet HTML 21Page - STMicroelectronics VNF1048FTR Datasheet HTML 22Page - STMicroelectronics VNF1048FTR Datasheet HTML 23Page - STMicroelectronics VNF1048FTR Datasheet HTML 24Page - STMicroelectronics VNF1048FTR Datasheet HTML 25Page - STMicroelectronics VNF1048FTR Datasheet HTML 26Page - STMicroelectronics VNF1048FTR Datasheet HTML 27Page - STMicroelectronics VNF1048FTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
6
SPI functional description
6.1
SPI Communication
The SPI communication is based on the “ST-SPI Specification”.
The device operates in Slave mode on a bus configuration through CSN, SDI, SDO and SCK signal lines, with 32
bits SPI frames.
A SPI Master device (Host Microcontroller) initiates the communication.
The SPI Master device must be configured in the following mode:
CPOL = 0, CPHA = 0
Input data are shifted into SDI, MSB first while output data are shifted out on SDO, MSB first.
VNF1048F
SPI functional description
DS13084 - Rev 6
page 24/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com