Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 16Page - STMicroelectronics VNF1048FTR Datasheet HTML 17Page - STMicroelectronics VNF1048FTR Datasheet HTML 18Page - STMicroelectronics VNF1048FTR Datasheet HTML 19Page - STMicroelectronics VNF1048FTR Datasheet HTML 20Page - STMicroelectronics VNF1048FTR Datasheet HTML 21Page - STMicroelectronics VNF1048FTR Datasheet HTML 22Page - STMicroelectronics VNF1048FTR Datasheet HTML 23Page - STMicroelectronics VNF1048FTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
4.3
External FET Stuck-on Self Test
The goal of this Self Test is to verify proper turn-off of the external power switch, by monitoring its VDS behavior in
time.
Starting from the Unlocked State, the external FET Stuck-on Self Test is activated through a dedicated SPI frame
(CR#1, S_T_START & S_T_CFG fields).
At execution start the external FET is automatically turned-off, regardless of its status during previous operations,
then continuous AtoD conversions of VDS voltage, sensed across external power switch terminals, are performed
in order to allow the user to monitor VDS evolution in time.
Data conversion values are made available through dedicated register SR#6 (S_T_STUCK field); in addition, a
specific bit informs the user if the data have been updated with a new measure or are still relative to the previous
one (UPDT_S_T_STUCK bit). Status of Self Test execution is available in the same register.
Self Test completion can be controlled directly by sending S_T_STOP command (CR#1, bit 8) or by setting
programmable VDS threshold (CR#2, VDS_THR field): in this case, Self Test is stopped automatically as soon
as the external FET VDS overcomes the aforementioned threshold and a specific bit is set to flag this situation
(SR#6, S_T_VDS_MAX2 bit). In both cases device FSM performs transition from Self Test to Unlocked state.
To be noted that diagnostic fault for normal operation (VDS_MAX, SR#1) is inhibited during execution, while all
the others are kept enabled; bypass switch control is left to the user.
The transition from the Self Test state to the Locked state can occur in case of watchdog timeout or HWLO = 1
(Self Test aborted).
VNF1048F
External FET Stuck-on Self Test
DS13084 - Rev 6
page 20/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com