Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 10Page - STMicroelectronics VNF1048FTR Datasheet HTML 11Page - STMicroelectronics VNF1048FTR Datasheet HTML 12Page - STMicroelectronics VNF1048FTR Datasheet HTML 13Page - STMicroelectronics VNF1048FTR Datasheet HTML 14Page - STMicroelectronics VNF1048FTR Datasheet HTML 15Page - STMicroelectronics VNF1048FTR Datasheet HTML 16Page - STMicroelectronics VNF1048FTR Datasheet HTML 17Page - STMicroelectronics VNF1048FTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Table 18. Bypass switch
ID
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
11.1
VDS_BYPASS_SAT
Bypass switch VDS saturation protection
threshold
1
2
V
11.2
IBYPASS_SAT
Bypass switch saturation current
VS - VOUT =
VDS_BYPASS_SAT
100
mA
11.3
RDS(ON)_BYPASS
Bypass switch on state resistance
4
7
10
Ω
11.4
tON_BYPOFF
Output turn-on time on bypass-sutthing off
100
µs
11.5 tBYPASS_STA_DEGLITCH
Bypass switch saturation diagnostic de-
glitch filtering time
4
5
µs
Table 19. VOUT A-to-D Conversion
ID
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
12.1 VOUT_ADC_CONV VOUT ADC full range resolution
VOUT_ADC[9:0] = MIN(VOUT/
(51*1.2)*1024, 1023)
0
1023
12.2 VOUT_ADC_RATE VOUT ADC sample rate
4.9
kSample/s
VNF1048F
Main electrical characteristics
DS13084 - Rev 6
page 14/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com