Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics VNF1048FTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Bit
Default
Name
Description
Access
9
0
VDS_MAX
External MOSFET desaturation shut-down: a desaturation shut-down of the
MOSFET (VDS_MAX = 1) and the bypass switch occurs if the VDS exceeds
the preset threshold when HS is in on-state after VDS_DEGLITCH time.
The MOSFET and the bypass switch are re-armed via SPI.
R/C
8
0
BYPASS_SAT
Low Current Bypass desaturation shut-down: a desaturation shut-down of the
Low Current Bypass (BYPASS_SAT = 1) occurs if the VDS exceeds the fixed
threshold when HS is in off-state and bypass is in on-state.
When BYPASS_SAT = 1, External MOSFET is automatically commanded on,
independently on OUTCTL bit value.
The Low Current Bypass is re-armed via SPI. A transition to WakeUp mode
causes this bit to be set to 1.
R/C
7
0
FUSE_LATCH
Current vs Time latch-off: an overcurrent shut-down of the MOSFET
(FUSE_LATCH = 1) and the bypass switch occurs when the current sense
voltage exceeds the preset threshold for longer than the preset time (I2-t
curve emulating a traditional fuse).
The MOSFET and bypass switch are re-armed via SPI.
R/C
6
0
OVC
Overcurrent warning: an overcurrent warning (OVC = 1) occurs even when
average current sense value evaluated in a time interval equal to tI_SAMPLING
(time basis used by fuse emulation algorithm) exceeds current threshold
programmed through OVC_THR.
This is a “real-time” bit
OVC bit keeps memory of the previous events: once this bit is set, it will be
reset automatically after a time depending on current level previously reached
and on the related timings.
Moreover, after a FUSE_LATCH bit setting, OVC will be automatically reset
in a time interval proportional to the TNOM value previously programmed
(provided that in the meantime FUSE_LATCH is not cleared, high side
restarts and current is again above OVC_THR).
Resetting FUSE_LATCH bit when OVC bit is still set to 1 is possible, but in
this case user can expect that trip time will be lower than expected.
R
5
0
DEV_OVT
Over-temperature shut-down (“real-time” bit). When DEV_OVT = 1, the
MOSFET, the charge pump and the bypass switch are turned off.
R
4
0
NTC_OVT
External MOS Over-Temperature: this bit is latched when NTC is lower than
NTC_THR. When NTC_OVT = 1 both External MOS and bypass switch are
turned off. The MOSFET and the bypass switch are re-armed via SPI.
R/C
3
0
VGS_LOW
This bit will be set in on-state when VGS falls below UV threshold
(VGS_UVLO_10V) for more than VG_UVLO_DEGLITCH. When this bit is set,
external FET is switched off.
R/C
2
0
CP_LOW
This bit will be set when VCP falls below VCP_LOW threshold for more than
tCP_RISE. When this bit is set, external FET driver is disabled. This is a “real-
time” bit.
R
1
0
WD_FAIL
Watchdog failure bit:
0: Watchdog OK;
1: Watchdog failure in Unlocked / Selftest states
When this bit is set, device goes to Locked state. To go back to the unlocked
mode through the GoToUnlocked sequence this bit must be cleared.
R/C
0
0
Parity Bit
Odd Parity Bit Check
VNF1048F
Status registers
DS13084 - Rev 6
page 36/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com