Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics VNF1048FTR Datasheet HTML 40Page - STMicroelectronics VNF1048FTR Datasheet HTML 41Page - STMicroelectronics VNF1048FTR Datasheet HTML 42Page - STMicroelectronics VNF1048FTR Datasheet HTML 43Page - STMicroelectronics VNF1048FTR Datasheet HTML 44Page - STMicroelectronics VNF1048FTR Datasheet HTML 45Page - STMicroelectronics VNF1048FTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
8
Application information
Figure 16. Application diagram
VNF1048F
VREG
VBAT
CP1M
CP1P
CP2M
CP2P
CP
VS
VBAT
NTC
GND
HS_GATE
OUT
4
RSENSE
RNTC
RT_REF
CP2
CP
CP1
RPROT
RPROT
LOAD
External FET
NTC_M
RPU
RGB
V3V3
C3V3
SAFETY LOGIC
VSPI
DIAG
SPI
HWLO
HOST
MICRO
ISNS_P
ISNS_N
TEST1
TEST2
CVS1
CVS2
RPROT
Note:
Suggested components
•
CVS1 = 20 μF
•
CVS2 = 100 nF
•
CP1 = 470 nF
•
CP2 = 470 nF
•
CP = 470 nF
•
RPU = 4.7 kΩ
•
C3V3 = 1 μF
•
RGB = 47 kΩ
•
RT_REF = 10 kΩ
•
RSENSE = 1 mΩ
VNF1048F
Application information
DS13084 - Rev 6
page 42/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com