Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 5 Page - STMicroelectronics

  ST33TPHF2XSPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
3
Serial peripheral interface (SPI) and TPM registers
The SPI interface implemented in this device complies with the TCG PC Client-specific TPM Platform
specifications [PTP 2.0 r1.05] for the TPM 2.0 library.
The SPI supports only one clock mode (CPOL=0, CPHA=0).
Data is transferred serially between master and slave; the most significant bit (msb) first, least significant bit (lsb)
last.
Addresses and commands are transferred msb first for the entire field, e.g. the 24-bit address is transferred by
sending b23 first, then b22 all the way up to b0.
The TPM drives data on the falling edge of the SPI clock.
The TPM samples data on the rising edge of the SPI clock.
The TPM will always decode a 24-bit address in the 0xD4_xxxx range when the TPM's SPI_CS pin is asserted.
The ST33TPHF2XSPI supports an interrupt interface line directly from the TPM to the main platform MCU. This
interrupt is supported using a dedicated GPIO (SPI_PIRQ, active low). The device detects a change in the TPM
status when the TPM triggers a falling edge on pin SPI_PIRQ.
3.1
SPI communication protocol flow control
3.1.1
SPI communication
The TPM flow control mechanism operates on a transaction basis and can transfer data of various sizes. The
TPM can transfer or receive 1 up to 32 bytes of data per transaction.
Because the SPI does not support any acknowledge signal, a specific way to synchronize between the host and
the TPM has been defined.
In order to synchronize the start of a command, the SPI master must set low the SPI_CS pin when sending a
command and set the SPI_CS pin back to high at the end of the transaction.
An SPI start of frame is detected when the SPI_CS signal goes low. This causes the TPM to drive the SPI_MISO
signal low. An end of frame is detected when the SPI_CS line goes to the high voltage level.
The transmit sequence begins when the TPM receives the SPI_CLK signal, the SPI_CS signal goes low and the
most significant bit of the data is present on the SPI_MOSI pin.
Figure 2. SPI transmit sequence
SPI_MISO
SPI_CS
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_MISO
SPI_MOSI
SPI_MOSI
The TPM host initiates every command by transmitting a single byte on the SPI_MOSI pin that tells the TPM if
it is a read or write operation in a register. This byte also contains the size of the transfer including the 1st byte.
The command processing continues with the transfer of three more bytes containing the address of the targeted
register.
At this time, depending on the targeted register, the TPM is able to insert 1 or more Wait states before
acknowledging the transfer. A Wait state is a Low state (0) sent on the SPI_MISO pin by the TPM. An
Acknowledgment is a byte, whose last bit is ‘1’, sent on the SPI_MISO pin by the TPM.
In the case of a register read command, the TPM sends on the SPI_MISO pin the number of requested bytes
from the requested register.
ST33TPHF2XSPI
Serial peripheral interface (SPI) and TPM registers
DS14186 - Rev 1
page 5/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com