Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
In the case of a register write command, the TPM reads on the SPI_MOSI pin the number of bytes previously
declared and modifies accordingly the TPM state machine.
Table 2. SPI bit protocol
Bit transfer order on
SPI_MISO/SPI_MOSI pins
Byte on SPI_MISO/SPI_MOSI
pins
Usage
Notes
RFU
67 for 64B transactions
11 for 8B transactions
future use for larger register sizes
-
57-63 – last bits on wire
7
Data[30:24]
-
56
Data[31]
msb of 4th LSB
49-55
6
Data[22:16]
-
48
Data[23]
msb of 3rd LSB
41-47
5
Data[14:8]
-
40
Data[15]
msb of 2nd LSB
33-39
4
Data[6:0]
-
32
Data[7]
msb of 1st LSB
Optional flow control can be done in this window. See Section 3.1.2 Protocol flow control for SPI read access and Section 3.1.3 Protocol flow
control for SPI write access for details. This is the only place in the bit transfers where flow control can be performed.
31
3
Addr[0]
lsb of address
9-30
1-3
Addr[22] down to Addr[1]
-
8
1
Addr[23]
msb of address
2-7
0
bits[5:0]
Size of transfer
where bit[5] of this field is the 3rd bit
transferred on the wire, and bit [0] is the 8th
bit on the wire. This field is 0’s based count
of the bytes. Any byte count from 1 to 64 is
legal.
Bit [5:0] decode
‘11_1111’ = 64 bytes
‘
etc. for 63 down to 6 bytes
‘00_0100’ = 5 bytes
‘00_0011’ = 4 bytes
‘00_0010’ = 3 bytes
‘00_0001’ = 2 bytes
‘00_0000’ = 1 byte
1
Reserved; bit[6]
-
0 – first bit on wire
Byte0, bit[7] Read/Write
1=read, 0 = write
3.1.2
Protocol flow control for SPI read access
Following the standard specification, depending on the targeted register, the TPM is authorized to insert 1 Wait
state before acknowledging the read access. A Wait state is a Low state (0) sent on the SPI_MISO pin by the
TPM. An Acknowledgment is a byte, whose last bit is ‘1’, sent on the SPI_MISO pin by the TPM.
The ST TPM uses only one wait state for SPI read access.
On read access, if the data are not available, the ST TPM uses the dedicated bits defined by the standard
specification:
•
stsValid (bit 7 in the Status register): This bit indicates whether TPM_STS_x.dataAvail and
TPM_STS_x.Expect are valid. They are valid when stsValid = 1.
•
tpmRegValidSts (bit 7 in the Access register): This bit indicates whether all other bits in this register contain
valid values. All values are valid when tpmRegValidSts = 1.
The Host should repeat read access and consider that the TPM is out of order only after TIMEOUT_B (2 seconds)
of no data availability.
ST33TPHF2XSPI
SPI communication protocol flow control
DS14186 - Rev 1
page 6/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com