Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
5.2
Power supply filtering
As mentioned in Section 2 Pin and signal description, the power supply of the circuit must be filtered using the
circuit shown in the figure below.
Figure 12. Mandatory filtering capacitors on VPS
TPM
Host device
SPI_MOSI
SPI_RST
VPS
GND
100 nF
10 µF
+
-
SPI_MISO
SPI_CLK
SPI_CS
SPI_PIRQ
1.
10 µF and 100 nF are recommended values. The minimum required capacitor value is 2.1 µF (2 µF in
parallel with 100 nF).
Table 11. Maximum VPS rising slope
Symbol
Parameter
Value
Unit
SVPS
Maximum VPS rising slope
3.3
V/µs
ST33TPHF2XSPI
Power supply filtering
DS14186 - Rev 1
page 18/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com