Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 27Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 28Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 29Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 30Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 31Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 32Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 33Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 34Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
List of tables
Table 1.
Pin descriptions ..................................................................... 4
Table 2.
SPI bit protocol ..................................................................... 6
Table 3.
List of FIFO register space addresses...................................................... 8
Table 4.
List of CRB register space addresses ...................................................... 9
Table 5.
Absolute maximum ratings ............................................................ 11
Table 6.
DC characteristics (VPS = 1.8 V or 3.3 V ± 10%) ............................................. 11
Table 7.
Power-on and warm reset timing characteristics.............................................. 12
Table 8.
Power consumption characteristics ...................................................... 12
Table 9.
SPI electrical characteristics ........................................................... 14
Table 10.
AC measurement conditions ........................................................... 15
Table 11.
Maximum VPS rising slope ............................................................ 18
Table 12.
VFQFPN32 - mechanical data .......................................................... 20
Table 13.
Thermal characteristics............................................................... 21
Table 14.
Packages on tape and reel ............................................................ 22
Table 15.
Reel dimensions ................................................................... 22
Table 16.
Carrier tape dimensions for VFQFPN32 5 × 5 mm ............................................ 23
Table 17.
Ordering information................................................................. 25
Table 18.
List of abbreviations ................................................................. 27
Table 19.
Document revision history ............................................................. 30
ST33TPHF2XSPI
List of tables
DS14186 - Rev 1
page 34/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com