Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
5
Integration guidance
5.1
Typical hardware implementation
The Physical Presence (PP) pin should be connected if platform implementation (at boot level) uses a hardware
physical presence function.
The figure below shows the hardware implementation for the VFQFPN32 package.
Figure 11. Typical hardware implementation (VFQFPN32 package)
7
6
1
VPS
100 nF
10 µF
GND
SPI_MISO
SPI_MOSI
SPI_CS
SPI_CLK
SPI_PIRQ
SPI_RST
GPIO_PP (opt)
GPIO_LP (opt)
33 Ω
33 Ω
33 Ω
Surrounds optional
components
VFQFPN32
NiC
2 GND
3 NiC
4 NiC
5 NiC
GPIO_LP
GPIO_PP
8 NiC
SPI_MISO
NiC
VPS
SPIMOSI
SPI_CS
SPI_CLK
SPI_PIRQ
SPI_RST
24
23
22
21
20
19
18
17
33
NiC
56 µF
Note:
The use of a low-value resistor (typically 33 Ω) on SPI_MISO, SPI_MOSI and SPI_CLK can be recommended
for line adaptation when the signals are affected by parasite spikes. It can also be recommended to avoid
disturbance of the ramp-up and ramp-down signals.
The capacitor on SPI_CS is optional. Its use is recommended when the SPI_CLK signal is high in SPI mode 0
(see Section 3.6 Integration requirements).
ST33TPHF2XSPI
Integration guidance
DS14186 - Rev 1
page 17/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com