Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 1 Page - STMicroelectronics

  ST33TPHF2XSPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
TPM features
•
Flash-memory-based trusted platform module (TPM)
•
Compliant with Trusted Computing Group (TCG) Trusted Platform Module
(TPM) Library specifications 2.0, Level 0, Revision 159 – errata 1.1 and TCG
PC Client Specific TPM Platform Specifications 1.05 rev 14
•
Fault-tolerant firmware loader that keeps the TPM fully functional when the
loading process is interrupted (self-recovery)
•
SP800-193 compliant for protection, detection and recovery requirements
•
Targeted certifications:
–
CC according to TPM 2.0 PP at EAL4+ (augmented with AVA_VAN.5
and ALC_FLR.1)
–
FIPS 140-2 level 2 (physical security level 3)
–
TCG certification
•
SPI support at up to 33 MHz
Hardware features
•
Highly reliable Flash memory technology
•
Extended temperature range: −40 °C to 105 °C
•
ESD protection up to 4 kV (HBM) and 750 V (CDM)
•
1.8 V or 3.3 V supply voltage range
Security features
•
Active shield and environmental sensors
•
Monitoring of environmental parameters (power)
•
Hardware and software protection against fault injection
•
FIPS SP800-90A and AIS20-compliant deterministic random-bit generator
(DRBG)
•
FIPS SP800-90B and AIS31-compliant true random-number generator (TRNG)
•
Cryptographic algorithms:
–
RSA key generation (1024, 2048 or 3072 bits)
–
RSA signature (RSASSA-PSS, RSASSA-PKCS1v1_5)
–
RSA encryption (RSAES-OAEP, RSAESPKCS1-v1_5)
–
SHA-1, SHA-2 (256 and 384 bits), SHA-3 (256 and 384 bits)
–
HMAC SHA-1, SHA-2, and SHA-3
–
AES-128, 192, and 256 bits
–
TDES 192 bits
–
ECC (NIST P-256, P-384 curves): key generation, ECDH, and ECDSA,
ECSchnorr
–
ECDAA (BN-256 curve)
•
Device provided with 3 endorsement keys (EK) and EK certificates (RSA2048,
ECC NIST P_256 and ECC NIST P_384)
•
Device provisioned with three 2048-bit RSA key pairs to reduce the TPM
provisioning time
VFQFPN32
5 × 5 mm
Product status link
ST33TPHF2XSPI
STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
ST33TPHF2XSPI
Datasheet
DS14186 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST33TPHF2XSPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
More results

Similar Description - ST33TPHF2XSPI

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
TPM supported
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
supports tpm
IMBM-Q170A AAEON-IMBM-Q170A Datasheet
375Kb / 2P
tpm support
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
STMicroelectronics
ST33TPHF2ESPI STMICROELECTRONICS-ST33TPHF2ESPI Datasheet
440Kb / 26P
Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
Nov-2019
logo
Infineon Technologies A...
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9672TPM2.0 INFINEON-SLB9672TPM2.0 Datasheet
517Kb / 21P
OPTIGA™ TPM
Revision 1.0 2022-01-20
SLB9673TPM2.0 INFINEON-SLB9673TPM2.0 Datasheet
564Kb / 22P
OPTIGA™ TPM
Revision 1.1 2022-07-08
logo
STMicroelectronics
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com