Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Figure 8. SPI slave timing diagram - SPI_CLK high (by default)
CPHA=0
SPI_MOSI
input
SPI_MISO
output
MSB OUT
MSB IN
BIT6 OUT
LSB IN
LSB OUT
CPOL=0
BIT1 IN
SPI_NSS input
tSU(NSS)
tc(SCK)
th(NSS)
ta(SO)
tw(SCKH)
tv(SO)
th(SO)
tdis(SO)
tsu(SI)
th(SI)
tdelay
Note:
1.
For both drawings, measurements are made at CMOS levels: 0.3 × VPS and 0.7 × VPS.
2.
When no communication is ongoing the data output line of the SPI (SPI_MOSI in Master mode,
SPI_MISO in Slave mode) has its alternate function capability released. In this case, the pin status
depends on the I/O port configuration.
4.6
AC measurement conditions
Table 10. AC measurement conditions
TA = −40 to 105 °C (for the 3.3 V voltage range only) and TA = −25 to 85 °C (for the 1.8 V and 3.3 V voltage ranges).
f = 1 MHz, unless otherwise specified.
Parameter
Value (1)
Input rise and fall times
10 ns max
Input pulse voltage
VIL to VIH
Input timing reference voltage
0.5 × VPS
Output timing reference voltage
VOL to VOH
1. Measurement points are at CMOS levels: 0.3 × VPS and 0.7 × VPS.
Figure 9. AC testing input/output waveforms
VIH
VIL
VOH
VOL
Output
Input
0.5 VCC
ST33TPHF2XSPI
AC measurement conditions
DS14186 - Rev 1
page 15/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com