Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 26Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Figure 16. Embossed carrier tape for VFQFPN32 5 × 5 mm
T
B0
K0
D
D1
Y
P2
P0
Y
P
A0
E
W
F
Section Y - Y
User direction of feed
1.
Drawing is not to scale.
Figure 17. Chip orientation in the embossed carrier tape for VFQFPN32 5 × 5 mm
User direction of feed
Table 16. Carrier tape dimensions for VFQFPN32 5 × 5 mm
Package
A0
B0
K0
D1 Min.
P
P2
D
P0
E
F
W
T Max.
Unit
VFQFPN 5×5 5.25 ±0.1 5.25 ±0.1 1.1 ±0.1 1.5
8 ±0.1 2 ±0.1 1.55 ±0.05 4 ±0.1 1.75 ±0.1 5.5 ±0.1 12 ±0.3 0.3 ±0.05 mm
ST33TPHF2XSPI
Delivery packing
DS14186 - Rev 1
page 23/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com