Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
3.3
Register descriptions
Detailed descriptions of each register can be found in TCG PC Client Specific Platform TPM Profile for [PTP 2.0
r1.05].
3.4
Additional information
•
The TPM implement a PIRQ but does not implement an SIRQ pin.
•
Any write operation to the TPM_ACCESS_x register with more than one field set to a ‘1’ is not accepted.
•
Interface capability:
–
TPM_STS_x.burstCount is dynamic.
–
Interrupt detection mode “Level low” is supported (other modes “Level high” and “Edge” are not
supported).
–
Interrupts localityChange and dataAvailable are supported (Interrupt stsValid and commandReady
are not supported).
•
Transaction size:
–
The TPM accepts transactions to offset 0x0024-0x0027 which are of lengths from 1 to 32 bytes
(legacy FIFO).
–
The TPM accepts transactions to offset 0x0081-0x0083 which are of lengths from 1 to 32 bytes
(extended FIFO).
•
Vendor and Device ID for the TPM
–
TPM_DID_VID_X = 0x0000104A; // DID = 0x0000 and VID = 0x104A (id of STMicroelectronics
defined by TCG)
•
Revision ID for the TPM
–
TPM_RID_X = 0xFFFFFF4E; // 0xFFFFFF = reserved
3.5
Recommendations
For optimized performance results, the use of an extended data FIFO with 32-byte burst is mandatory.
When the falling edge occurs on the SPI_CS signal, SPI_CLK must be at the low logic level as defined in
Figure 7. SPI slave timing diagram - SPI_CLK low (by default).
If the device does not show this behavior, add a 56 pF capacitor (example value) on the SPI_CS line to slow the
falling edge on SPI_NSS or SPI_CS.
3.6
Integration requirements
•
When the falling edge occurs on the SPI_CS signal, SPI_CLK must be at the low logic level as defined in
Figure 7. SPI slave timing diagram - SPI_CLK low (by default).
If the device does not show this behavior, add a 56 pF capacitor (example value) on the SPI_CS line to
slow the falling edge on SPI_NSS or SPI_CS.
•
The duration of TPM_HASH_DATA exceeds 250 µs if SHA384 and Dual bank management are
implemented.
•
In Windows 10 or 11, for using a 3072-bit RSA key, update the following, if it exists in the registry editor:
[HKEY_LOCAL_MACHINE\SYSTEM\CurrentControlSet\Services\TPM]
“TimeoutCommandCreate”=dword:00493E0
ST33TPHF2XSPI
Register descriptions
DS14186 - Rev 1
page 10/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com