Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOH
Output high voltage
IOH = −1 mA
0.75 × VPS
-
VPS
V
VOL
Output low voltage
(VPS = 1.8 V±10%)
IOL = 500 µA
0
-
0.15 × VPS
V
Output low voltage
(VPS = 3.3 V±10%)
IOL = 1 mA
0
-
0.15 × VPS
POR
Power on reset voltage(1)
-
-
1.45
1.61
V
PDR
Pull-down resistor
-
-
10
-
kΩ
PUR
Pull-up resistor
-
-
100
-
kΩ
1. VPS voltage from which the device starts to run or VPS voltage below which the device starts to switch off during a
shutdown.
4.3
Overshoot
The TPM has been tested in accordance with JEDEC standard JESD78D.
•
Tolerated overshoot: 1.5 ×VPS
•
Maximum time during overshoot: 10 ms.
4.4
Performance and power consumption characteristics
The values provided in the table below were measured at TA = −40 to 105 °C (for the 3.3 V voltage range only)
and TA = −25 to 85 °C (for the 1.8 V and 3.3 V voltage ranges).
Table 7. Power-on and warm reset timing characteristics
Symbol
Parameter
Condition
Min. Typ. Max. Unit
tWL
RESET pin low state pulse width for reset
-
1
-
-
ms
tINIT
Minimum time for TPM_ACCESS_x registers to contain valid data from
TPM reset
-
-
-
500
µs
tCMD
Time required before sending first TPM command from TPM reset
-
-
-
50
ms
tPOR_RST POR to SPI_RST time
CLOAD = 30 pF
-
200
-
µs
tInit_stb
Wakeup time from Standby
-
-
-
150
µs
Table 8. Power consumption characteristics
The values provided in the table below were measured at TA = 25 °C.
Symbol
Parameter
Typ.
Max.
Unit
ICC Run
Normal TPM operation
-
17.5
mA
ICC Idle
Supply current when not processing any commands.
4
-
mA
ICC Standby
Supply current when the device is in Deep Sleep mode(1).
60
-
µA
1. Activated by default. See Proprietary commands and Technical features.
ST33TPHF2XSPI
Overshoot
DS14186 - Rev 1
page 12/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com