Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 4 Page - STMicroelectronics

  ST33TPHF2XSPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
2
Pin and signal description
The figure below gives the pinout of the VFQFPN32 package in which the devices are delivered. The table below
describes the associated signals.
Figure 1. VQFN32 pinout
VFQFPN32
1
NiC
2
GND
3
NiC
4
NiC
5
NiC
6
GPIO_LP
7
GPIO_PP
8
NiC
32 31 30 29 28 27 26 25
SPI_MISO
NiC
VPS
SPI_MOSI
SPI_CS
SPI_CLK
SPI_PIRQ
SPI_RST
24
23
22
21
20
19
18
17
9 10 11 12 13 14 15 16
33
NiC
Table 1. Pin descriptions
Signal
Type
Description
VPS
Input
Power supply. This pin must be connected to the 1.8 V or 3.3 V DC power rail supplied by the
motherboard.
GND
Input
GND has to be connected to the main motherboard ground.
SPI_RST
Input
SPI Reset, active low, used to re-initialize the device. Must not be unconnected. External pull-up
required if it cannot be driven.
SPI_MISO
Output SPI Master Input, Slave Output (output from slave)
SPI_MOSI
Input
SPI Master Output, Slave Input (output from master)
SPI_CLK
Input
SPI Serial Clock (output from master)
SPI_CS (or
SPI_NSS)
Input
SPI Chip (or Slave) Select, internal pull-up (active low; output from master)
SPI_PIRQ
Output SPI IRQ, active low, open drain, used by TPM to generate an interrupt
GPIO_PP
Input
Physical Presence, active high, internal pull-down. Used to indicate Physical Presence to the
TPM. GPIO Function could be modified by activating GPIO mapped with NV storage Indices
feature.
GPIO_LP
Input
By default: Used for activation and deactivation of the TPM Standby mode
(TPMLowPowerByGpio). The GPIO function could be modified by activating GPIOs mapped on
the NV storage index feature.
NiC
-
Not internally connected: not connected to the die. May be left unconnected, but has no impact
on the TPM if connected.
Note:
The VQFN32 package has a central pad (PIN33) on the bottom, which is not connected to the die. This pin does
not impact the TPM, be it connected or not.
ST33TPHF2XSPI
Pin and signal description
DS14186 - Rev 1
page 4/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com