Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Figure 3. SPI Read register example
1 r
s
d
0 0 0 0 0 1 1 1 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 0 0 0 0
Byte 0
Read 2 bytes
(b7 = 1)
0 0 0 0 0 0 0 0
SPI_MOSI
SPI_MISO
SPI_CS
SPI_CLK
x x x x x x x x
x x x x x x x x
x x x x x x x x
x x x x x x x x
x x x x x x x x
x x x x x x x x
Byte 3 address
lsb (0x19)
Byte 1 address
msb (0xD4)
Byte 2
(0x00)
Wait cycle
(b0 = 0)
ACK cycle
(b0 = 1)
LSB content
register
D4_0019 =
0x20
MSB content
register
D4_001A=
0x00
Bit indicating end of
Wait cycle (b0 = 1)
Bit indicating Wait cycle
(b0 = 0)
3.1.3
Protocol flow control for SPI write access
Following the standard specification, the TPM is authorized to insert 1 or more Wait states before acknowledging
the write access. A Wait state is low state (0) sent on the SPI_MISO pin by the TPM. An Acknowledgment is a
byte, whose last bit is ‘1’, sent on the SPI_MISO pin by the TPM.
Figure 4. SPI write register example
0 r
s
d
0 0 0 0 0 0 1 1 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
SPI_CS
SPI_CLK
x x x x x x x x
x x x x x x x x
x x x x x x x x
x x x x x x x x
Bit indicating
Wait cycle (b0 =0)
Bit indicating end of Wait
cycle (b0 = 1)
Wait cycle
(b0 = 0)
LSB content
register D4_0018
= 0x40
ACK cycle
(b0 = 1)
x x x x x x x x 0 1 0 0 0 0 0 0
Set command
Ready bit (0x40)
SPI_MOSI
SPI_MISO
Byte 3 address
Lsb (0x18)
Byte 2
(0x00)
Byte 1 address
Msb (0xD4)
Byte 0
Write 1 byte
(b7 = 1)
3.2
Register space addresses
The following table shows TPM register space starting from the base address 0xD4_0000.
ST33TPHF2XSPI
Register space addresses
DS14186 - Rev 1
page 7/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com