Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 3 Page - STMicroelectronics

  ST33TPHF2XSPI Datasheet HTML 1Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 2Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 3Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 4Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 5Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 6Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
Description
The STSAFE-TPM (trusted platform module) family of products offers a broad portfolio of standardized solutions
for embedded, PC, mobile and computing applications. STSAFE is an ST trademark.
It includes turnkey products compliant with the Trusted Computing Group (TCG) standards that provide services
to protect the confidentiality, integrity and authenticity of information and devices.
These devices are easy to integrate thanks to the variety of supported interfaces and the availability of TPM
ecosystem software solutions.
The STSAFE-TPM devices are all Common Criteria (EAL4+) and FIPS certified.
The ST33TPHF2XSPI offers a slave serial peripheral interface (SPI) compliant with the TCG PC Client TPM
Profile specifications.
It offers resilience services during the TPM firmware upgrade process, and self-recovery of TPM firmware and
critical data upon failure detection.
The ST33TPHF2XSPI operates in the –25 to +85 °C commercial temperature range at 1.8 V, or in the –40 °C to
105 °C extended temperature range at 3.3 V.
The device is offered in the VFQFPN32 ECOPACK2 package. ECOPACK is an ST trademark.
1.1
Security certifications
The list of certified products can be consulted on the Common Criteria website: https://
www.commoncriteriaportal.org/, the NIST website: https://csrc.nist.gov/, and the TCG website https://
trustedcomputinggroup.org/.
ST33TPHF2XSPI
Description
DS14186 - Rev 1
page 3/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com