Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 7Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 8Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 9Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
4
Electrical characteristics
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under
the measurement conditions summarized in the relevant tables. Users should check that the operating conditions
in their circuit match the measurement conditions when relying on the quoted parameters.
4.1
Absolute maximum ratings
Table 5. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPS
Supply voltage
–0.3 to 3.6
V
VIO
Input or output voltage relative to ground
–0.3 to VPS +0.3
V
TA
Ambient operating temperature
–25 to +85
°C
–40 to +105(1)
TSTG
Storage temperature (refer to [AN2639])
–65 to +150
°C
VESD
Electrostatic discharge voltage according to JESD22-A114, human body model
4000
V
Electrostatic discharge voltage according to ANSI ESD STM5.3.1, charged device model
750
V
1. For the 3.3 V voltage range only.
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of the
specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
4.2
DC and AC characteristics
TA = −40 to 105 °C (for the 3.3 V voltage range only) and TA = −25 to 85 °C (for the 1.8 V and 3.3 V voltage
ranges).
The voltage (VPS) must be in one of the two authorized ranges: 1.8 V ±10% or 3.3 V ±10%.
The voltage on all inputs or outputs must not exceed VPS + 0.3 V or be lower than VPS - 0.3 V.
Table 6. DC characteristics (VPS = 1.8 V or 3.3 V ± 10%)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIL
Input low voltage
-
–0.3
-
0.2 × VPS
V
VIH
Input high voltage
-
0.7 × VPS
-
VPS + 0.3
V
IIL
Input low current in high Impedance mode
0 V < VIL < 0.2 × VPS
–10
-
10
µA
Input low current in Weak Pull-up mode
(VPS = 1.8 V±10%)
0 V < VIL < 0.2 × VPS
–500
-
1000
Input low current in Weak Pull-up mode
(VPS = 3.3 V±10%)
0 V < VIL < 0.2 × VPS
–500
-
-
IIH
Input high current in high Impedance mode
0.7 × VPS < VIH < VPS
–10
-
10
µA
Input high current in Weak Pull-down mode
(VPS = 1.8 V±10%)
0.7 × VPS < VIH < VPS
–20
-
20
Input high current in Weak Pull-down mode
(VPS = 3.3 V±10%)
0.7 × VPS < VIH < VPS
–30
-
30
ST33TPHF2XSPI
Electrical characteristics
DS14186 - Rev 1
page 11/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com