Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 10Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 11Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 12Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 13Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 14Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 15Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 16Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
4.5
SPI characteristics
The SPI latency for the product is 2 bytes.
Table 9. SPI electrical characteristics
Data based on design simulation and/or characterization results, not tested in production.
Symbol
Parameter
Min.
Max. Unit
fSCK
SPI clock frequency with max baud rate (f/2)
-
34
MHz
tc(SCK)
1/fSCK
29.4
-
ns
tsu(SI)
Data input setup time
5
-
ns
th(SI)
Data input hold time
5
-
tv(SO)
Data output valid time
13
th(SO)
Data output hold time
0
-
tSU(NSS) Setup time
5 + 0.5 × tC (SPI_CLK)
-
th(NSS)
Hold time
5 + 0.5 × tC (SPI_CLK)
-
tdis(SO)(1) Data output disable time
2
10
ns
ta(SO)(2) Data output access time
0
25
ns
tdelay
Minimum delay time between SPI_CLK going low and SPI_NSS going low
7
-
ns
1. The Min. time is the minimum time required to invalidate the data output; the Max. time is the maximum time required for the
data output to go to high impedance.
2. The Min. time is the minimum time required to drive the data output; the Max. time is the maximum time required to validate
the data output.
Figure 7. SPI slave timing diagram - SPI_CLK low (by default)
CPHA=0
SPI_MOSI
input
SPI_MISO
output
MSB OUT
MSB IN
BIT6 OUT
LSB IN
LSB OUT
CPOL=0
BIT1 IN
SPI_NSS input
tSU(NSS)
tc(SCK)
th(NSS)
ta(SO)
tw(SCKH)
tv(SO)
th(SO)
tdis(SO)
tsu(SI)
th(SI)
ST33TPHF2XSPI
SPI characteristics
DS14186 - Rev 1
page 14/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com