Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 25Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
7
Delivery packing
Surface-mount packages can be supplied with tape and reel packing. The reels have a 13" typical diameter.
Reels are in plastic, either anti-static or conductive, with a black conductive cavity tape. The cover tape is
transparent anti-static or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the same side as the
sprocket holes in the tape.
The STMicroelectronics tape and reel specifications are compliant with the EIA 481-A standard specification.
Table 14. Packages on tape and reel
Package
Description
Tape width
Tape pitch
Reel diameter
Quantity per reel
VFQFPN32
Very thin fine pitch quad flat pack no-lead package
12 mm
8 mm
13 in.
3000
Figure 15. Reel diagram
A
D
B
C
N
T
G
Table 15. Reel dimensions
Reel size
Tape width
A Max.
B Min.
C
D Min.
G Max.
N Min.
T Max.
Unit
13”
16
330
1.5
13 ±0.2
20.2
16.4 +2/–0
100
22.4
mm
12
12.6
18.4
ST33TPHF2XSPI
Delivery packing
DS14186 - Rev 1
page 22/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com