Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPHF2XSPI Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST33TPHF2XSPI
Description  STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XSPI Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST33TPHF2XSPI Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XSPI Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
6.2
Thermal characteristics of packages
The table below provides the thermal characteristics of the VFQFPN32 package.
Table 13. Thermal characteristics
Parameter
Symbol
Value
Recommended operating temperature range
Ambient temperature
TA
−40 to 105 °C
Case temperature
TC
-
Junction temperature
TJ
−43 to 108 °C
Absolute maximum junction temperature
-
125 °C
Maximum power dissipation
-
63 mW
Theta-JA, -JB and -JC
Junction to ambient thermal resistance
θJA(1)
35.8 at 0 lfpm (2)
Junction to case thermal resistance
θJC
1.48 at 0 lfpm(2)
Junction to board thermal resistance
θJB
13.9 at 0 lfpm(2)
1. According to JESD51-2 (still air condition).
2. Linear feet per minute.
ST33TPHF2XSPI
Thermal characteristics of packages
DS14186 - Rev 1
page 21/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com