Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 37 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 37 of 44
REGISTER 9—AGC REGISTER
AGC HIGH THRESHOLD
LNA
GAIN
AGC
MODE
FILTER
GAIN
AGC LOW THRESHOLD
ADDRESS
BITS
FI1
0
1
FILTER CURRENT
LOW
HIGH
0
1
2
3
AGC MODE
AUTO AGC
MANUAL AGC
FREEZE AGC
RESERVED
FG2
0
0
1
1
FG1
0
1
0
1
FILTER GAIN
8
24
72
INVALID
LG2
0
0
1
1
LG1
0
1
0
1
LNA GAIN
3
10
30
INVALID
GL3
0
0
0
1
.
.
.
1
1
1
GL1
1
0
1
0
.
.
.
1
0
1
AGC LOW
THRESHOLD
1
2
3
4
.
.
.
61
62
63
GL2
0
1
1
0
.
.
.
0
1
1
GL7
0
0
0
0
.
.
.
1
1
1
GL6
0
0
0
0
.
.
.
1
1
1
GL5
0
0
0
0
.
.
.
1
1
1
GL4
0
0
0
0
.
.
.
1
1
1
GH3
0
0
0
1
.
.
.
1
1
0
GH1
1
0
1
0
.
.
.
0
1
0
AGC HIGH
THRESHOLD
1
2
3
4
.
.
.
78
79
80
GH2
0
1
1
0
.
.
.
1
1
0
GH7
0
0
0
0
.
.
.
1
1
1
GH6
0
0
0
0
.
.
.
0
0
0
GH5
0
0
0
0
.
.
.
0
0
1
GH4
0
0
0
0
.
.
.
1
1
0
LI2
0
LI1
0
LNA BIAS
800µA (DEFAULT)
LG1
0
1
LNA MODE
DEFAULT
REDUCED GAIN
ML1
0
1
MIXER LINEARITY
DEFAULT
HIGH
Figure 41.
Register 9—AGC Register Comments
•
Default AGC_LOW_THRESHOLD = 30, default AGC_HIGH_THRESHOLD = 70. See the RSSI/AGC section for details.
•
AGC high and low settings must be more than 30 apart to ensure correct operation.
•
LNA gain of 30 is available only if LNA mode, R9_DB25, is set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com