Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 32 of 44
REGISTER 4—DEMODULATOR SETUP REGISTER
DISCRIMINATOR BW
POST DEMODULATOR BW
DEMOD
SCHEME
Rx
INVERT
IF B/W
ADDRESS
BITS
DS1
0
1
0
1
0
1
0
1
DEMODULATOR SCHEME
2FSK LINEAR DEMODULATOR
2FSK CORRELATOR/DEMODULATOR
3FSK DEMODULATOR
4FSK DEMODULATOR
RESERVED
RESERVED
RESERVED
RESERVED
DP1
0
1
PRODUCT
CROSS PRODUCT
DOT PRODUCT
RI1
0
1
0
1
INVERT
NORMAL
INVERT CLK
INVERT DATA
INVERT CLK/DATA
IFB1
0
1
0
1
IF FILTER
B/W
12kHz
18kHz
25kHz
INVALID
DS2
DS3
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
1
1
RI2
IFB2
0
0
1
1
Figure 36.
Register 4—Demodulator Setup Register Comments
•
Discriminator_BW =
3
10
400
_
×
× K
CLK
DEMOD
where:
[Hz]
10
100
3
Deviation
Frequency
K
×
=
Maximum value = 660.
•
RX_INVERT(R4_DB[8:9]) and DOT_PRODUCT (R4_DB7) need to be set as outlined below in order to optimize the correlator
demodulator. K is calculated using the previous formula and then rounded to the nearest integer.
K
K/2
Dot Product (R4_DB7)
Rx Invert (R4_DB[8:9])
Even
Even
0
00
Even
Odd
0
10
K
(K + 1)/2
Dot Product (R4_DB7)
Rx Invert (R4_DB[8:9])
Odd
Even
1
00
Odd
Odd
1
10
•
CLK
DEMOD
F
_BW
Post_Demod
CUTOFF
_
π
2
11
×
×
=
where the cutoff frequency (FCUTOFF) of the postdemodulator filter should typically be 0.75 times the data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com