Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 21 of 44
LINEAR 2FSK DEMODULATOR
Figure 22 shows a block diagram of the linear 2FSK
demodulator.
SLICER
FREQUENCY
IF
LEVEL
I
Q
LIMITER
LINEAR DISCRIMINATOR
R4_DB(20:29)
FREQUENCY
READBACK
AND
AFC LOOP
RxDATA
Figure 22. Block Diagram of Frequency Measurement System and
Linear FSK Demodulator
This method of frequency demodulation is useful when the
system protocol cannot support the overhead of the settling
time of the internal feedback AFC loop.
A digital frequency discriminator provides an output signal that
is linearly proportional to the frequency of the limiter outputs.
The discriminator output is then filtered and averaged using a
combined averaging filter and envelope detector. The demodu-
lated 2FSK data is recovered by threshold detecting the output
of the averaging filter, as shown in Figure 22. In this mode, the
slicer output shown in Figure 22 is routed to the data synchro-
nizer PLL for clock synchronization. To enable the linear FSK
demodulator, set Bits R4_DB[4:6] to 000.
The 3 dB bandwidth of the postdemodulation filter is set in the
same way as the 2FSK correlator/demodulator, which is set in
R4_DB[20:29] and is defined as
CLK
_
DEMOD
F
π
Setting
_
BW
_
Demod
_
Post
CUTOFF
×
×
=
11
2
where:
FCUTOFF is the target 3 dB bandwidth in Hz of the
postdemodulator filter.
DEMOD_CLK is as defined in the Register 3—
Transmit/Receive Clock Register Comments section.
3FSK DEMODULATOR
The 3FSK demodulator uses a pair of digital frequency
correlators followed by a Viterbi decoder and clock and data
recovery to perform three-level FSK demodulation. To enable
3FSK demodulation, Bits R4_DB[4:6] must be set to 010. The
settings for the 3FSK demodulator are set in Register 13. The
post demod BW, discriminator BW, dot product, and Rx invert
settings of Register 4 also need to be set appropriately as
outlined in the FSK Correlator/Demodulator section.
4FSK DEMODULATOR
The 4FSK demodulator uses a pair of digital frequency
correlators and clock and data recovery to perform four-level
FSK demodulation. To enable 4FSK demodulation, Bits
R4_DB[4:6] must be set to 011. The post demod BW,
discriminator BW, dot product, and Rx invert settings of
Register 4 also need to be set appropriately as outlined in the
FSK Correlator/Demodulator section.
AFC SECTION
The ADF7021 supports a real-time AFC loop that is used to
remove frequency errors that can arise due to mismatches between
the transmit and receive crystals. The AFC loop also uses the
frequency discriminator block, as described in the Linear 2FSK
Demodulator section and in Figure 22. The discriminator output
is filtered and averaged to remove the FSK frequency
modulation using a combined averaging filter and envelope
detector. In receive mode, the output of the envelope detector
provides an estimate of the average IF frequency.
Two methods of AFC, external and internal, are supported on
the ADF7021.
External AFC
Here, the user reads back the frequency information through
the ADF7021 serial port and applies a frequency correction
value to the fractional-N synthesizer N divider.
The frequency information is obtained by reading the 16-bit
signed AFC_readback, as described in the Readback Format
section, and by applying the following formula:
FREQ_RB [Hz] = (AFC_READBACK × DEMOD_CLK)/218
Note that while the AFC_READBACK value is a signed
number, under normal operating conditions it is positive. In the
absence of frequency errors, the FREQ_RB value is equal to the
IF frequency of 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com