Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 22 of 44
Internal AFC
The ADF7021 supports a real-time, internal, automatic
frequency control loop. In this mode, an internal control loop
automatically monitors the frequency error and adjusts the
synthesizer-N divider using an internal PI control loop.
The internal AFC control loop parameters are controlled in
Register 10. The internal AFC loop is activated by setting
R10_DB4 to 1. A scaling coefficient must also be entered, based
on the crystal frequency in use. This is set up in R10_DB[5:16]
and should be calculated using
AFC_Scaling_Coefficient = (500 × 224)/XTAL
Maximum AFC Range
The maximum AFC frequency range is ±127.5 kHz. This is set
by Bits R10_DB[24:31]. The maximum AFC pull-in range
should be less than or equal to half the channel spacing to
prevent the AFC pulling in a signal in the adjacent channel. If
the maximum AFC pull-in range is larger than the IF filter
bandwidth, the attenuation of the IF filter must be considered.
When AFC errors have been removed using either the internal
or external AFC, further improvement in the receiver’s sensi-
tivity can be obtained by reducing the IF filter bandwidth using
Bits R4_DB[30:31].
AUTOMATIC SYNC WORD RECOGNITION
The ADF7021 also supports automatic detection of the sync or
ID fields. To activate this mode, the sync (or ID) word must be
preprogrammed into the ADF7021. In receive mode, this
preprogrammed word is compared to the received bit stream,
and when a valid match is identified, the external SWD pin is
asserted by the ADF7021 on the next Rx clock pulse.
This feature can be used to alert the microprocessor that a valid
channel has been detected. It relaxes the computational require-
ments of the microprocessor and reduces the overall power
consumption.
The SWD signal can also be used to frame a received packet
length by staying high for a preprogrammed number of bytes.
The data packet length can be set in Bits R12_DB[8:15].
The SWD pin status can be configured by setting Bits
R12_DB[6:7]. Bits R11_DB[4:5] are used to set the length of the
sync/ID word, which can be 12, 16, 20, or 24 bits long. The
transmitter must transmit the MSB of the sync byte first and the
LSB last to ensure proper alignment in the receiver sync-byte-
detection hardware.
For systems using FEC, an error tolerance parameter can also
be programmed that accepts a valid match when up to 3 bits of
the word are incorrect. The error tolerance value is assigned in
R11_DB[6:7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com