Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 9Page - Analog Devices ADF7021 Datasheet HTML 10Page - Analog Devices ADF7021 Datasheet HTML 11Page - Analog Devices ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 13 of 44
VCO
4\N
THIRD-ORDER
Σ-Δ MODULATOR
PFD/
CHARGE
PUMP
4\R
INTEGER-N
FRACTIONAL-N
REFERENCE IN
Figure 10. Fractional-N PLL
The combination of the integer-N (maximum = 255) and the
fractional-N (maximum = 32768/32768) give a maximum N
divider of 255 + 1. Therefore, the minimum usable PFD is
[]
()
1
255
Hz
+
=
Frequency
Output
Required
Maximum
PFD
MIN
For example, when operating in the European 868 MHz to
870 MHz band, PFDMIN equals 3.4 MHz.
Voltage Regulators
The ADF7021 contains four regulators to supply stable voltages
to the part. The nominal regulator voltage is 2.3 V. Each
regulator should have a 100 nF capacitor connected between
CREG and GND. When CE is high, the regulators and other
associated circuitry are powered on, drawing a total supply
current of 2 mA. Bringing the CE pin low disables the
regulators, reduces the supply current to less than 1 μA, and
erases all values held in the registers. The serial interface
operates from a regulator supply; therefore, to write to the part,
the user must have CE high and the regulator voltage must be
stabilized. Regulator status (CREG4) can be monitored using
the regulator ready signal from muxout.
MUXOUT
The MUXOUT pin allows the user to access various digital
points in the ADF7021. The state of MUXOUT is controlled by
Bits R0_DB[29:31].
Regulator Ready
Regulator ready is the default setting on MUXOUT after the
transceiver is powered up. The power-up time of the regulator is
typically 50 μs. Because the serial interface is powered from the
regulator, the regulator must be at its nominal voltage before the
ADF7021 can be programmed. The status of the regulator can
be monitored at MUXOUT. When the regulator ready signal on
MUXOUT is high, programming of the ADF7021 can begin.
REGULATOR READY (DEFAULT)
DIGITAL LOCK DETECT
RSSI READY
Tx_Rx
LOGIC ZERO
TRISTATE
MUX
CONTROL
DGND
DVDD
MUXOUT
FILTER CAL COMPLETE
LOGIC ONE
Figure 11. MUXOUT Circuit
Filter Cal Complete
MUXOUT can be set to filter cal complete, which is active high.
This indicates when a fine filter calibration has been completed.
It can be used as an interrupt to a microcontroller.
Digital Lock Detect
Digital lock detect indicates when the PLL has locked. The lock
detect circuit is located at the PFD. When the phase error on
five consecutive cycles is less than 15 ns, lock detect is set high.
Lock detect remains high until a 25 ns phase error is detected at
the PFD.
RSSI Ready
MUXOUT can be set to RSSI ready. This indicates that the
internal analog RSSI has settled and a digital RSSI readback can
be performed.
TX_RX
TX_RX signifies whether the ADF7021 is in transmit or receive
mode. When in transmit ,mode, this signal is low. When in
receive mode, this signal is high. It can be used to control an
external Tx/Rx switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com