Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 1 Page - Analog Devices

  ADF7021 Datasheet HTML 1Page - Analog Devices ADF7021 Datasheet HTML 2Page - Analog Devices ADF7021 Datasheet HTML 3Page - Analog Devices ADF7021 Datasheet HTML 4Page - Analog Devices ADF7021 Datasheet HTML 5Page - Analog Devices ADF7021 Datasheet HTML 6Page - Analog Devices ADF7021 Datasheet HTML 7Page - Analog Devices ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Performance Narrowband
ISM Transceiver IC
Preliminary Technical Data
ADF7021
FEATURES
Low power, low IF transceiver
Frequency bands
80 MHz to 650 MHz
862 MHz to 940 MHz
Modulation schemes
2FSK, 3FSK, 4FSK
Spectral shaping
Gaussian and raised-cosine filtering
Data rates supported
0.05 kbps to 25 kbps
2.3 V to 3.6 V power supply
Programmable output power
−16 dBm to +13 dBm in 63 steps
Automatic PA ramp control
Receiver sensitivity
−125 dBm at 1 kbps, 2 FSK
On-chip VCO and fractional-N PLL
On-chip 7-bit ADC and temperature sensor
Fully automatic frequency control loop (AFC)
Digital RSSI
Integrated Tx/Rx switch
Leakage current <1 μA in power-down mode
APPLICATIONS
Narrow-band standards
ETSI EN 300-220, FCC Part 90, FCC Part 15, FCC Part 95,
ARIB STD-T67
Low cost, wireless data transfer
Remote control/security systems
Wireless metering
Private mobile radio
Wireless medical telemetry service (WMTS)
Keyless entry
Home automation
Process and building control
Pagers
FUNCTIONAL BLOCK DIAGRAM
Tx/Rx
CONTROL
AFC
CONTROL
2FSK
3FSK
4FSK
DEMODULATOR
CLOCK
AND DATA
RECOVERY
RSSI/
OFFSET
CORRECTION
7-BIT ADC
GAIN
DIV R
RFOUT
LNA
PFD
CP
OSC1
OSC2
DIVIDERS/
MUXING
N/N + 1
DIV P
TEMP
SENSOR
RING
OSC
CLK
DIV
CLKOUT
TEST MUX
VCOIN
CPOUT
POLARIZATION
LDO(1:4)
MUXOUT
RSET
CREG(1:4)
RLNA
RFIN
RFINB
CE
DATA CLK | TxDATA
SWD
DATA I/O | RxDATA
SERIAL
PORT
SLE
SDATA
SREAD
SCLK
IF FILTER
Σ-Δ
MODULATOR
PA RAMP
L1 L2
VCO
MUX
2FSK
3FSK
4FSK
MOD CONTROL
GAUSSIAN/
RAISED COSINE
FILTER
3FSK
ENCODING
AGC
CONTROL
MUX
Figure 1.
Rev. PrI
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADF7021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021 AD-ADF7021 Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - ADF7021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
High Performance ISM Band Transceiver IC
2/06-Rev. 0 to Rev. A
logo
Texas Instruments
CC1120 TI-CC1120 Datasheet
967Kb / 30P
High Performance RF Transceiver for Narrowband Systems
CC1125 TI-CC1125 Datasheet
655Kb / 28P
Ultra-High Performance RF Narrowband Transceiver
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
logo
Texas Instruments
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
High Performance RF Transceiver for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
High-Performance RF Transceiver for Narrowband Systems
logo
Analog Devices
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
High Performance ISM Band Transceiver IC
REV. B
logo
Texas Instruments
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
Ultra-High Performance RF Narrowband Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com