Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 25 of 44
2.0mA
3.65mA
14mA
TIME
REG.
READY
t1
WR1
t3
t2
VCO
t4
WR3
t5
WR0
t6
WR4
t7
11mA TO
30mA
tOFF
tON
XTAL
t0
TRANSMIT DATA
t15
Figure 27. Tx Programming Sequence and Timing Diagram
Table 14. Power-Up Sequence Description
Parameter
Value
Description/Notes
Signal to Monitor
T0
2 ms typ
Crystal starts power-up after CE is brought high. This typically depends on the
specified crystal type and load capacitance.
CLKOUT
T1
10 μs
Time for regulator to power up. The serial interface can be written to after this time.
MUXOUT
T2
1ms typ
Variable delay that depends on XTAL settling and VCO settling. Should be set
so that VCO and XTAL finish settling at the same time, thus minimizing current
consumption.
T3, T5,T6, T7,
T9, T10
32 × 1/SPI_CLK
Time to write to a single register. Maximum SPI_CLK is 25 MHz.
T4
1 ms
The VCO can power up in parallel with the crystal. This depends on the CVCO
capacitance value used. A value of 22 nF is recommended as a trade-off
between phase noise performance and power-up time.
CVCO pin
T8
3.2 ms
IF filter coarse and fine calibration times. A coarse calibration typically takes
200 μs, while a fine calibration typically takes 3 ms (see the settings in the
Register 7—Readback Setup Register section).
T11
150 μs
This depends on the number of gain changes the AGC loop needs to cycle
through and AGC settings programmed. This is described in more detail in the
AGC Information and Timing section.
Analog RSSI on TEST_A
pin (available by writing
0x0B00 000F)
T12
5 × Bit_Period
This is the time for the clock and data recovery circuit to settle. This typically
requires 5-bit transitions to acquire sync and is usually covered by the preamble.
T13
20 × Bit_Period
This is the time for the automatic frequency control circuit to settle. This
typically requires 16-bit transitions to acquire lock and is usually covered by an
appropriate length preamble.
T14, T15
Packet length
Number of bits in payload by the bit period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com