Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 24 of 44
As with the external Rx/Tx switch, an additional LPF or BPF
could be required to suppress harmonics in the transmit
spectrum or to improve the resilience of the receiver against
out-of-band interferers.
TRANSMIT PROTOCOL AND CODING
CONSIDERATIONS
PREAMBLE
SYNC
WORD
ID
FIELD
DATA FIELD
CRC
Figure 25. Typical Format of a Transmit Protocol
A dc-free preamble pattern is recommended for FSK demodula-
tion. The recommended preamble pattern is a dc-free pattern
such as a 10101010 … pattern. Preamble patterns with longer
run-length constraints such as 11001100… can also be used.
However, this results in a longer synchronization time of the
received bit stream in the receiver.
Manchester coding can be used for the entire transmit protocol.
However, the remaining fields that follow the preamble header
do not have to use dc-free coding. For these fields, the ADF7021
can accommodate coding schemes with a run length of up to
6 bits without any performance degradation.
If longer run-length coding must be supported, the ADF7021
has several other features that can be activated. These involve a
range of programmable options that allow the envelope detector
output to be frozen after preamble acquisition.
DEVICE PROGRAMMING AFTER INITIAL POWER-UP
Table 13 lists the minimum number of writes needed to set up
the ADF7021 in either Tx or Rx mode after CE is brought high.
Additional registers can also be written to tailor the part to a
particular application, such as setting up sync byte detection or
enabling AFC. When going from Tx to Rx or vice versa, the
user needs to write only to Register 1 to alter the LO by 100 kHz
and to toggle the Tx/Rx bit.
Table 13. Minimum Register Writes Required for Tx/Rx Setup
Mode
Registers
Tx
Reg 0
Reg 1
Reg 2
Reg 3
Rx
Reg 0
Reg 1
Reg 3
Reg 4
Reg 5
Tx <-> Rx
Reg 0
Figure 26 and Figure 27 show the recommended programming
sequence and associated timing for power-up from standby mode.
2.0mA
3.65mA
12mA
TIME
REG.
READY
t1
WR1
t3
VCO
t4
WR3
t5
WR6
t6
WR5
t7
19mA TO
22mA
tOFF
tON
XTAL
t0
WR0
t9
WR4
t10
AGC/
RSSI
t11
CDR
t12
AFC
t13
RxDATA
t14
t2
t8
Figure 26. Rx Programming Sequence and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com