Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 28 of 44
REGISTER 0—N REGISTER
TR1
TRANSMIT/
RECEIVE
0
TRANSMIT
RECEIVE
1
M3
M2
M1
MUXOUT
0
REGULATOR READY (DEFAULT)
0
END OF CAL
0
DIGITAL LOCK DETECT
0
RSSI READY
1Tx_Rx
1
LOGIC ZERO
1
THREE STATE
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
LOGIC ONE
U1
UART MODE
0DISABLED
1
ENABLED
N8
N7
N6
N5
N4
N3
N2
N1
N COUNTER
DIVIDE RATIO
031
032
.
.
.
1
253
1
254
1
0
0
.
.
.
1
1
1
0
1
.
.
.
.
.
.
1
1
1
1
0
1
1
1
.
.
.
1
0
1
1
1
.
.
.
1
0
1
1
1
.
.
.
1
0
0
1
1
.
.
.
.
.
.
1
0
1
0
1
255
15-BIT FRACTIONAL-N
8-BIT INTEGER-N
MUXOUT
ADDRESS
BITS
FRACTIONAL
DIVIDE RATIO
0
1
2
.
.
.
32764
32765
32766
32767
M15
0
0
0
.
.
.
1
1
1
1
M14
0
0
0
.
.
.
1
1
1
1
M13
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
M3
0
0
0
.
.
.
1
1
1
1
M2
0
0
1
.
.
.
0
0
1
1
M1
0
1
0
.
.
.
0
1
0
1
Figure 32.
Register 0—N Register Comments
•
RF Output Frequency
Direct output:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
=
15
2
_
_
N
Fractional
N
Integer
PFD
RF
OUT
Divide-by-2 selected:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
=
15
2
_
_
5
.
0
N
Fractional
N
Integer
PFD
RF
OUT
•
In UART mode, the DATA CLK | TxDATA pin is used to input the Tx data. The Rx Data is available on the DATA I/O | RxDATA pin.
•
MUXOUT
END OF CAL (Active High): Indicates when a fine IF filter calibration has finished.
DIGITAL LOCK DETECT (Active High): Indicates when the PLL has locked.
RSSI READY (Active High): Indicates RSSI signal has settled and RSSI readback can be performed.
Tx_Rx: Gives the status of Bit DB27 in this register. Can be used to control an external Tx/Rx switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com