Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 19 of 44
RSSI/AGC
The RSSI is implemented as a successive compression log amp
following the base band channel filtering. The log amp achieves
±3 dB log linearity. It also doubles as a limiter to convert the
signal-to-digital levels for the FSK demodulator. Offset
correction is achieved using a switched capacitor integrator in
feedback around the log amp. This uses the BB offset clock
divide. The RSSI level is converted for user readback and
digitally controlled AGC by an 80-level (7-bit) flash ADC. This
level can be converted to input power in dBm.
1
IFWR
IFWR
IFWR
IFWR
LATCH
AAA
R
CLK
ADC
OFFSET
CORRECTION
RSSI
FSK
DEMOD
Figure 20. RSSI Block Diagram
RSSI Thresholds
When the RSSI is above AGC_HIGH_THRESHOLD, the gain
is reduced. When the RSSI is below AGC_LOW_THRESHOLD,
the gain is increased. A delay (AGC_DELAY) is programmed to
allow for settling of the loop. All of these parameters are set in
Register 9. The user can program the two threshold values
(defaults 30 and 70) and the delay value (default 10). The
default AGC setup values should be adequate for most
applications. The threshold values must be chosen to be more
than 30 apart for the AGC to operate correctly.
Offset Correction Clock
In Register 3, the user should set the BB Offset Clock Divide
Bits R3_DB[4:5] to give an offset clock between 1 MHz and 2
MHz:
BBOS_CLK [Hz] = XTAL/(BBOS_CLK_DIVIDE)
where:
BBOS_CLK_DIVIDE can be set to 4, 8, or 16.
AGC Information and Timing
AGC is selected by default and operates by selecting the
appropriate LNA and filter gain settings for the measured RSSI
level. It is possible to disable AGC by writing to Register 9 if the
user wants to enter one of the modes listed in Table 8. The time
for the AGC circuit to settle and therefore, the time it takes to
measure the RSSI accurately, is typically 150 μs. However, this
depends on how many gain settings the AGC circuit has to
cycle through. After each gain change, the AGC loop waits for a
programmed time to allow transients to settle. This wait time
can be altered to speed up the settling by adjusting the
appropriate parameters.
XTAL
DIVIDE
CLK
SEQ
Delay
AGC
Time
Wait
AGC
_
_
_
_
_
×
=
where:
AGC Settling = AGC_Wait_Time × Number of Gain Changes
Thus, in the worst-case scenario, if the AGC loop has to go
through all five gain changes,
AGC_Delay =10 cycles
SEQ_CLK = 200 kHz
AGC Settling = 10 × 5 μs × 5 = 250 μs
Minimum AGC_Wait_Time must be at least 25 μs.
RSSI Formula (Converting to dBm)
Input_Power [dBm] = −120 dBm +
(Readback_Code + Gain_Mode_Correction) × 0.5
where:
Readback_Code is given by Bit RV7 to Bit RV1 in the readback
register (see the Readback Format section).
Gain_Mode_Correction is given by the values in Table 9.
LNA gain (LG2, LG1) and filter gain (FG2, FG1) are obtained
from Register 9.
Table 9. Gain Mode Correction
LNA Gain
(LG2, LG1)
Filter Gain
(FG2, FG1)
Gain Mode
Correction
H (1, 0)
H (1, 0)
TBD
H (1, 0)
M (0, 1)
TBD
M (0, 1)
M (0, 1)
TBD
L (0, 0)
M (0,1)
TBD
L (0, 0)
L (0, 0)
TBD
An additional factor should be introduced to account for losses
in the front-end-matching network/antenna.
FSK DEMODULATORS ON THE ADF7021
There are four demodulators on the ADF7021:
•
2FSK correlator/demodulator
•
2FSK linear demodulator
•
3FSK demodulator
•
4FSK demodulator
Select these using the Demod Scheme Bits, R4_DB[4:6].
FSK CORRELATOR/DEMODULATOR
The quadrature outputs of the IF filter are first limited and then
fed to a pair of digital frequency correlators that perform band-
pass filtering of the binary FSK frequencies at (IF + FDEV) and
(IF − FDEV). Data is recovered by comparing the output levels
from each of the two correlators. The performance of this
frequency discriminator approximates that of a matched filter
detector, which is known to provide optimum detection in the
presence of AWGN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com