Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 30 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 30 of 44
REGISTER 2—TRANSMIT MODULATION REGISTER
P6
0
0
0
0
.
.
1
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
1
P2
X
0
0
1
.
.
1
P1
X
0
1
0
.
.
1
POWER AMPLIFIER OUTPUT HIGH LEVEL
PA OFF
–16.0dBm
–16 + 0.45dBm
–16 + 0.90dBm
.
.
13dBm
D9
0
0
0
0
.
1
D3
0
0
0
0
.
1
...
...
...
...
...
...
...
D2
0
0
1
1
.
1
D1
0
1
0
1
.
1
FOR FSK MODE,
PLL MODE
1 ×
fSTEP
2 ×
fSTEP
3 ×
fSTEP
.
511 ×
fSTEP
Tx FREQUENCY DEVIATION
POWER AMPLIFIER
TxDATA
INVERT
PA BIAS
PA RAMP
MODULATION
SCHEME
ADDRESS
BITS
PE1
0
1
POWER AMPLIFIER
OFF
ON
PA2
0
0
1
1
PA1
0
1
0
1
PA BIAS
5µA
7µA
9µA
11µA
DI2
0
0
1
1
DI1
0
1
0
1
TxDATA INVERT
NORMAL
INVERT CLK
INVERT DATA
INV CLK AND DATA
S3
0
0
0
0
1
1
1
1
S2
0
0
1
1
0
0
1
1
MODULATION SCHEME
2FSK
GAUSSIAN 2FSK
3FSK
4FSK
OVERSAMPLED 2FSK
RAISED CONSINE FILTER 2FSK
RAISED CONSINE FILTER 3FSK
RAISED CONSINE FILTER 4FSK
S1
0
1
0
1
0
1
0
1
S3
0
0
0
0
1
1
1
1
S2
0
0
1
1
0
0
1
1
PA RAMP RATE
NO RAMP
256 CODES/BIT
128 CODES/BIT
64 CODES/BIT
32 CODES/BIT
16 CODES/BIT
8 CODES/BIT
4 CODES/BIT
S1
0
1
0
1
0
1
0
1
NRC1
0
1
NARROWBAND
RC
DEFAULT
EXTRA FILTERING
Figure 34.
Register 2—Transmit Modulation Register Comments
•
2FSK/3FSK/4FSK frequency deviation
Direct output:
16
2
[Hz]
PFD
ON
CY_DEVIATI
TX_FREQUEN
Deviation
Frequency
×
=
Divide-by-2 enabled:
16
2
5
.
0
[Hz]
PFD
ON
CY_DEVIATI
TX_FREQUEN
Deviation
Frequency
×
×
=
where: TX_FREQUENCY_DEVIATION is set by R2_DB[19:27] and PFD is the PFD frequency.
•
In the case of 4FSK, there are tones at ±3 times the frequency deviation and at ±1 times the deviation.
•
Oversampled 2FSK is sampled at 32 times the programmed data rate.
•
The PA ramps at the programmed rate (R2_DB[8:10]) until it reaches its programmed level (R2_DB[13:18]).
•
If the PA is enabled/disabled by the PA_Enable Bit (R2_DB7), it ramps up and down. If it is enabled/disabled by the Tx_Rx bit
(R0_DB27), it ramps up and turns hard off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com