Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 23 of 44
APPLICATIONS
LNA/PA MATCHING
The ADF7021 exhibits optimum performance in terms of
sensitivity, transmit power, and current consumption, only if its
RF input and output ports are properly matched to the antenna
impedance. For cost-sensitive applications, the ADF7021 is
equipped with an internal Rx/Tx switch that facilitates the use
of a simple, combined passive PA/LNA matching network.
Alternatively, an external Rx/Tx switch such as the ADG919 can
be used, which yields a slightly improved receiver sensitivity
and lower transmitter power consumption.
External Rx/Tx Switch
Figure 23 shows a configuration using an external Rx/Tx switch.
This configuration allows an independent optimization of the
matching and filter network in the transmit and receive path.
Therefore, it is more flexible and less difficult to design than the
configuration using the internal Rx/Tx switch. The PA is biased
through Inductor L1, while C1 blocks dc current. Both
elements, L1 and C1, also form the matching network that
transforms the source impedance into the optimum PA load
impedance, ZOPT_PA.
PA
LNA
PA_OUT
RFIN
RFINB
VBAT
L1
ADF7021
ADG919
OPTIONAL
BPF
(SAW)
OPTIONAL
LPF
LA
CA
C1
CB
ZIN_RFIN
ZOPT_PA
ZIN_RFIN
ANTENNA
Rx/Tx – SELECT
Figure 23. ADF7021 with External Rx/Tx Switch
ZOPT_PA depends on various factors, such as the required
output power, the frequency range, the supply voltage range,
and the temperature range. Selecting an appropriate ZOPT_PA
helps to minimize the Tx current consumption in the
application. Application Note AN-764 contains a number of
ZOPT_PA values for representative conditions. Under certain
conditions however, it is recommended to obtain a suitable
ZOPT_PA value by means of a load-pull measurement.
Due to the differential LNA input, the LNA matching network
must be designed to provide both a single-ended to differential
conversion, and a complex conjugate impedance match. The
network with the lowest component count that can satisfy these
requirements is the configuration shown in Figure 23,
consisting of two capacitors and one inductor. A first-order
implementation of the matching network can be obtained by
understanding the arrangement as two L-type matching
networks in a back-to-back configuration. Due to the asymmetry
of the network with respect to ground, a compromise between the
input reflection coefficient and the maximum differential signal
swing at the LNA input must be established. The use of appropriate
CAD software is strongly recommended for this optimization.
Depending on the antenna configuration, the user might need a
harmonic filter at the PA output to satisfy the spurious emission
requirement of the applicable government regulations. The
harmonic filter can be implemented in various ways, such as a
discrete LC pi or T-stage filter. Dielectric low-pass filter
components, such as the LFL18924MTC1A052 (for operation
in the 915 MHz and 868 MHz band) by Murata Manufacturing
Co. Ltd., represent an attractive alternative to discrete designs.
The immunity of the ADF7021 to strong out-of-band
interference can be improved by adding a band-pass filter in the
Rx path. Apart from discrete designs, SAW or dielectric filter
components such as the SAFCH869MAM0T00B0S,
SAFCH915MAL0N00B0S, DCFB2869MLEJAA-TT1, or
DCFB3915MLDJAA-TT1, all by Murata Manufacturing Co.
Ltd., are well suited for this purpose. Alternatively, the
ADF7021 blocking performance can be improved by selecting
the high linearity mode, as described in Table 8.
Internal Rx/Tx Switch
Figure 24 shows the ADF7021 in a configuration where the
internal Rx/Tx switch is used with a combined LNA/PA
matching network. For most applications, the slight performance
degradation of 1 dB to 2 dB caused by the internal Rx/Tx switch
is acceptable, allowing the user to take advantage of the cost-
saving potential of this solution. The design of the combined
matching network must compensate for the reactance presented
by the networks in the Tx and the Rx paths, taking the state of
the Rx/Tx switch into consideration.
PA
LNA
PA_OUT
RFIN
RFINB
VBAT
L1
ADF7021
OPTIONAL
BPF OR LPF
LA
CA
C1
CB
ZIN_RFIN
ZOPT_PA
ZIN_RFIN
ANTENNA
Figure 24. ADF7021 with Internal Rx/Tx Switch
The procedure typically requires several iterations until an
acceptable compromise has been reached. The successful
implementation of a combined LNA/PA matching network for
the ADF7021 is critically dependent upon the availability of an
accurate electrical model for the PC board. In this context, the
use of a suitable CAD package is strongly recommended. To
avoid this effort, the reference design provided for the ADF7021
RF module can be used. Gerber files are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com