Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 33 of 44
REGISTER 5—IF FILTER SETUP REGISTER
IR PHASE
ADJUST MAG
IR GAIN
ADJUST MAG
IF FILTER DIVIDER
IF FILTER ADJUST
ADDRESS
BITS
CC1
0
1
CAL
NO CAL
DO CAL
PD1
0
1
IR PHASE ADJUST I/Q
ADJUST I CH
ADJUST Q CH
GA1
0
1
IR GAIN ADJUST UP/DN
GAIN
ATTENUATE
GQ1
0
1
IR GAIN ADJUST I/Q
ADJUST I CH
ADJUST Q CH
IFD3
0
0
.
.
.
.
1
IFD1
1
0
.
.
.
.
1
FILTER CLOCK
DIVIDE RATIO
1
2
.
.
.
.
511
IFD2
0
1
.
.
.
.
1
IFA2
0
0
1
.
1
0
0
1
.
1
IF FILTER
ADJUST
IFA6
0
0
0
.
0
1
1
1
1
1
GM3
IR GAIN
ADJUST
GM5
0
0
0
.
1
IFD9
0
0
.
.
.
.
1
IFD6
0
0
.
.
.
.
1
.
.
.
.
.
.
.
.
IFD5
0
0
.
.
.
.
1
IFD4
0
0
.
.
.
.
1
0
1
0
.
1
0
1
0
.
1
IFA1
...
...
...
...
...
...
...
...
...
...
...
0
× 300Hz
–1 × 300Hz
–2 × 300Hz
...
–31 × 300Hz
0 × 300Hz
1 × 300Hz
2 × 300Hz
...
31 × 300Hz
GM4
GM2 GM1
0
0
0
.
1
0
0
0
.
1
0
0
1
.
1
0
1
0
.
1
0
1
2
...
31
PM2
IR PHASE
ADJUST
PM3
PM1 PM1
0
0
0
.
1
0
0
0
.
1
0
0
1
.
1
0
1
0
.
1
0
1
2
...
31
Figure 37.
Register 5—IF Filter Setup Register Comments
•
A coarse IF filter calibration is performed when the Coarse Cal Bit (R5_DB4) is set. If the Fine Cal Bit (R6_DB4) in is set, a fine IF
filter calibration is performed after the coarse calibration.
•
Set IF_Filter_DIVIDE such that
kHz
50
_
_
=
DIVIDE
FILTER
IF
XTAL
•
IF_FILTER_ADJUST allows the IF filter response to be manually adjusted in 300 Hz steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com