Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 17 of 44
SPECTRAL SHAPING
Gaussian or raised cosine filtering can be used to improve
transmit spectral efficiency. The ADF7021 supports Gaussian
filtering (BT = 0.5) on 2FSK modulation. Raised cosine filtering
(alpha = 0.5) can be used with 2FSK, 3FSK, or 4FSK
modulation.
Gaussian Frequency Shift Keying (GFSK)
Gaussian frequency shift keying reduces the bandwidth
occupied by the transmitted spectrum by digitally prefiltering
the transmit data. The bandwidth time (BT) product of the
Gaussian filter used is 0.5.
Gaussian filtering can just be used with 2FSK modulation. This
is selected by setting Bits R2_DB[4:6] to 001.
Raised Cosine Filtering
Raised cosine filtering provides digital prefiltering of the
transmit data using a rasied cosine filter with a roll-off factor
(alpha) of 0.5. Rasied cosine filtering can be used with 2FSK,
3FSK, and 4FSK.
Raised cosine filtering is enabled by setting Bits R2_DB[4:6] as
outlined in Table 7.
MODULATION AND FILTERING OPTIONS
The various modulation and data filtering options are described
in Table 7.
Table 7. Modulation and Filtering Options on the ADF7021
Modulation
Data Filtering
R2_DB[4:6]
2FSK
None
000
Gaussian
001
Raised cosine
101
3FSK
None
010
Raised cosine
110
4FSK
None
011
Raised cosine
111
Oversampled 2FSK
None
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com