Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 4 Page - Analog Devices

  ADF7021 Datasheet HTML 1Page - Analog Devices ADF7021 Datasheet HTML 2Page - Analog Devices ADF7021 Datasheet HTML 3Page - Analog Devices ADF7021 Datasheet HTML 4Page - Analog Devices ADF7021 Datasheet HTML 5Page - Analog Devices ADF7021 Datasheet HTML 6Page - Analog Devices ADF7021 Datasheet HTML 7Page - Analog Devices ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 4 of 44
SPECIFICATIONS
VDD = 2.3 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at VDD = 3 V, TA = 25°C.
All measurements are performed with the EVAL-ADF7021DBx using PN9 data sequence, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
RF CHARACTERISTICS
Frequency Ranges (Direct Output)
135
650
MHz
External VCO inductor
Frequency Ranges (Divide-by-2 Mode)
80
325
MHz
External VCO inductor, divide-by-2 enabled
Frequency Ranges (Direct Output)
862
940
MHz
Internal VCO inductor
Frequency Ranges (Divide-by-2 Mode)
431
470
MHz
Internal VCO inductor, divide-by-2 enabled
Phase Frequency Detector (PFD)
Frequency
RF/256
TBD
MHz
TRANSMISSION PARAMETERS
Data Rate
0.05
25
kbps
Frequency Shift Keying
Frequency Deviation1
56
Hz
Phase frequency detector (PFD) = 3.625 MHz
306
Hz
PFD = 20 MHz
Deviation Frequency Resolution
56
Hz
PFD = 3.625 MHz
Gaussian Filter BT
0.5
Raised Cosine Filter Alpha
0.5
Transmit Power 2
−20
+13
dBm
VDD = 3.0 V, TA = 25°C
Transmit Power Variation vs. Temperature
±1
dB
From −40°C to +85°C
Transmit Power Variation vs. VDD
±1
dB
From 2.3 V to 3.6 V at 915 MHz, TA = 25°C
Transmit Power Flatness
±1
dB
From 902 MHz to 928 MHz, 3 V, TA = 25°C
Programmable Step Size
−20 dBm to +13 dBm
0.3125
dB
Spurious Emissions
Integer Boundary
−55
dBc
50 kHz loop bandwidth (BW)
Reference
−65
dBc
Harmonics
Second Harmonic
−27
dBc
Unfiltered conductive
Third Harmonic
−21
dBc
Unfiltered conductive
All Other Harmonics
−35
dBc
Unfiltered conductive
Optimum PA Load Impedance3
39 + j61
Ω
FRF = 915 MHz
48 + j54
Ω
FRF = 868 MHz
54 + j94
Ω
FRF = 433 MHz
RECEIVER PARAMETERS
2FSK Input Sensitivity
Bit error rate (BER) = 10−3, FRF = 915 MHz, low
noise amplifier (LNA) and power amplifier
(PA) matched separately4
Sensitivity at 1 kbps
−125
dBm
FDEV = 1 kHz, high sensitivity mode5
LNA and Mixer, Input IP3
Enhanced Linearity Mode
6.8
dBm
Pin = −20 dBm, 2 CW interferers
Low Current Mode
−3.2
dBm
FRF = 915 MHz, F1 = FRF + 3 MHz
High Sensitivity Mode
−35
dBm
F2 = FRF + 6 MHz, maximum gain
Rx Spurious Emissions6
−57
dBm
<1 GHz at antenna input
−47
dBm
>1 GHz at antenna input
AFC
Maximum Pull-In Range
±127.5
kHz
Response Time
48
Bits
Mod index = 0.875
Accuracy
1
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com