Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 16 of 44
Binary Frequency Shift Keying (2FSK)
Two-level frequency shift keying is implemented by setting the
N value for the center frequency and then toggling it with the
TxDATA line. The deviation from the center frequency is set
using Bits R2_DB[19:27]. The deviation from the center
frequency in Hz is:
Direct RF output:
16
2
_
_
]
Hz
[
DEVIATION
FREQUENCY
TX
PFD
FSK
DEVIATION
×
=
Divide-by-2 enabled:
16
2
_
_
5
.
0
]
Hz
[
DEVIATION
FREQUENCY
TX
PFD
FSK
DEVIATION
×
×
=
where:
TX_FREQUENCY_DEVIATION is a number from 1 to 511
(R2_DB[19:27]).
VCO
÷N
THIRD-ORDER
Σ-Δ MODULATOR
PFD/
CHARGE
PUMP
4R
INTEGER-N
FRACTIONAL-N
PA STAGE
–FDEV
+FDEV
TxDATA
FSK DEVIATION
FREQUENCY
Figure 16. 2FSK Implementation
Three-Level Frequency Shift Keying (3FSK)
In three-level FSK modulation (also known as ternary FSK), the
binary data (Logic 0 and Logic 1) is mapped onto three distinct
frequencies:
•
the carrier frequency (FC),
•
the carrier frequency minus a deviation frequency
(FC − FDEV), and
•
the carrier frequency plus the deviation frequency
(FC + FDEV).
A Logic 0 is mapped to the carrier frequency while a Logic 1 is
either mapped onto frequency FC − FDEV or FC + FDEV.
The bits to frequency mapping result in a reduced transmission
bandwidth as energy is removed from the sidebands and
transferred to the carrier frequency. This increases the spectral
efficiency in comparison to 2FSK.
To ensure there is no loss in SNR at the receiver due to the
ternary nature of the modulation, a simple convolutional
encoder is used. A block diagram of the transmit hardware used
to realize this system is shown in Figure 17. The convolutional
encoder polynomial used to implement the transmit spectral
shaping is P(D) = 1 − D2. A precoder with transfer function
1/P(D) is used to undo the encoding process of the
convolutional code P(D) at the transmitter side.
PRECODER
1/P(D)
CONVOLUTIONAL
ENCODER
P(D)
FSK MOD
CONTROL
AND
DATA FILTERING
Tx DATA
0, 1
0, +1, –1
0, 1
TO
N DIVIDER
FC
FC + FDEV
FC – FDEV
Figure 17. 3FSK Encoding
The signal map of one-zero binary data to the 3-level convolu-
tional output follows. The convolutional encoder restricts the
maximum number of sequential +1’s or −1’s to two and also
delivers an equal number of +1’s and −1’s to the FSK modulator,
thus ensuring equal spectral energy in both 3FSK sidebands.
3-Level Signal Mapping of the Convolutional Encoder
Tx DATA
1
0
1
1
0
0
1
0
0
1
Precoder O/P
1
0
0
1
0
1
1
1
1
0
Encoder O/P
+1
0
−1
+1
0
0
+1
0
0
−1
3FSK is selected by setting bits in R2_DB[4:6]. It can also be
used with raised cosine filtering to further increase the spectral
efficiency of the transmit signal.
Four-Level Frequency Shift Keying (4FSK)
Four-level frequency shift keying differs from binary FSK in
that four possible frequencies are used to represent each pair of
data bits to be transmitted instead of two possible frequencies
for each bit of data. This halves the symbol rate because a
frequency change is only required after every second bit. It also
doubles the number of symbols because there are four possible
arrangements of a pair of consecutive NRZ data bits. By
minimizing the separation between symbol frequencies, 4FSK
can have high spectral efficiency.
Tx DATA
SYMBOL
FREQUENCIES
F
t
+3FDEV
+FDEV
–FDEV
–3FDEV
0
001
1011
Figure 18. 4FSK Encoding
Oversampled 2FSK
In oversampled 2FSK, the data is sampled at 32 times the
programmed rate, allowing odd data rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com