Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrowband ISM Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 2Page - Analog Devices ADF7021 Datasheet HTML 3Page - Analog Devices ADF7021 Datasheet HTML 4Page - Analog Devices ADF7021 Datasheet HTML 5Page - Analog Devices ADF7021 Datasheet HTML 6Page - Analog Devices ADF7021 Datasheet HTML 7Page - Analog Devices ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices ADF7021 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADF7021
Preliminary Technical Data
Rev. PrI | Page 6 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions
LOGIC INPUTS
Input High Voltage, VINH
0.7 × V DD
V
Input Low Voltage, VINL
0.2 ×
VDD
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
Control Clock Input
50
MHz
LOGIC OUTPUTS
Output High Voltage, VOH
DVDD − 0.4
V
IOH = 500 μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
CLKOUT Rise/Fall
5
ns
CLKOUT Load
10
pF
TEMPERATURE RANGE (TA)
−40
+85
°C
POWER SUPPLIES
Voltage Supply
VDD
2.3
3.6
V
All VDD pins must be tied together
Transmit Current Consumption
VDD = 3.0 V, PA is matched into 50 Ω
0 dBm
12.7
mA
FRF = 460 MHz
10 dBm
21
mA
FRF = 460 MHz
0 dBm
19.3
mA
FRF = 868 MHz
10 dBm
28
mA
FRF = 868 MHz
Receive Current Consumption
Low Current Mode
20
mA
High Sensitivity Mode
22
mA
Power-Down Mode
Low Power Sleep Mode
0.1
1
μA
1 For definition of frequency deviation, see the Register 2—Transmit Modulation Register section.
2 Measured as maximum unmodulated power. Output power varies with both supply and temperature.
3 For matching details, see the LNA/PA Matching section.
4 Sensitivity for combined matching network case is typically 2 dB less than separate matching networks.
5 See Table 8 for a description of different receiver modes.
6 Follow the matching and layout guidelines to achieve the relevant FCC/ETSI specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com