Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 14Page - NXP Semiconductors MMPF0100Z Datasheet HTML 15Page - NXP Semiconductors MMPF0100Z Datasheet HTML 16Page - NXP Semiconductors MMPF0100Z Datasheet HTML 17Page - NXP Semiconductors MMPF0100Z Datasheet HTML 18Page - NXP Semiconductors MMPF0100Z Datasheet HTML 19Page - NXP Semiconductors MMPF0100Z Datasheet HTML 20Page - NXP Semiconductors MMPF0100Z Datasheet HTML 21Page - NXP Semiconductors MMPF0100Z Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
18
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN5_VOLT
2.5 V
2.8 V
3.3 V
2.8 V
2.5 V
2.5 V
VGEN5_SEQ
3
12
5
-8
8
VGEN6_VOLT
2.8 V
3.3 V
3.0 V
2.8 V
2.8 V
2.8 V
VGEN6_SEQ
3
8
1
67
7
PU CONFIG, SEQ_CLK_SPEED
1.0 ms
2.0 ms
0.5 ms
2.0 ms
0.5 ms
0.5 ms
PU CONFIG, SWDVS_CLK
6.25 mV/
s
1.5625 mV/
s
6.25 mV/
s
25 mV/16
s6.25 mV/s
6.25 mV/
s
PU CONFIG, PWRON
Level sensitive
SW1AB CONFIG
SW1AB Single Phase, SW1C Independent Mode, 2.0 MHz
SW1ABC Single Phase, 2.0 MHz
SW1C CONFIG
2.0 MHz
SW2 CONFIG
2.0 MHz
SW3A CONFIG
SW3AB Single Phase, 2.0 MHz
SW3B CONFIG
2.0 MHz
SW4 CONFIG
No VTT, 2.0 MHz
PG EN
RESETBMCU in Default Mode
Table 9. Start-up configuration (continued)
Registers
Default
configuration
Pre-programmed OTP configuration
All devices
F0
F6
F8
F9
FA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com